Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L051F3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 21Page - STMicroelectronics STM8L051F3 Datasheet HTML 22Page - STMicroelectronics STM8L051F3 Datasheet HTML 23Page - STMicroelectronics STM8L051F3 Datasheet HTML 24Page - STMicroelectronics STM8L051F3 Datasheet HTML 25Page - STMicroelectronics STM8L051F3 Datasheet HTML 26Page - STMicroelectronics STM8L051F3 Datasheet HTML 27Page - STMicroelectronics STM8L051F3 Datasheet HTML 28Page - STMicroelectronics STM8L051F3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
DS9178 Rev 4
25/96
STM8L051F3
Pin description
41
Note:
1
The slope control of all GPIO pins, except true open drain pins, can be programmed. By
default, the slope control is limited to 2 MHz.
4.1
System configuration options
As shown in Table 4: STM8L051F3 pin description, some alternate functions can be
remapped on different I/O ports by programming one of the two remapping registers
described in the “Routing interface (RI) and system configuration controller” section in the
STM8L050J3, STM8L051F3, STM8L052C6, STM8L052R8 MCUs and STM8L151/L152,
STM8L162, STM8AL31, STM8AL3L lines reference manual (RM0031).
2
PC6/OSC32_OUT/[SPI_SCK](2)
/[USART_RX]/[TIM2_CH2]
I/O -
X XX HS X
X
Port
C6
LSE oscillator output / [SPI clock] /
[USART receive]/
Timer 2 -channel 2
9
PD0/TIM3_CH2/[ADC1_TRIG](2
)/ADC1_IN22
I/O -
X XX HS X
X
Port
D0
Timer 3 - channel 2 /
[ADC1_Trigger] / ADC1_IN22
8VDD / VDDA / VREF+
S-
Digital supply voltage /
ADC1 positive voltage reference
7VSS / VREF- / VSSA
-
Ground voltage / ADC1 negative voltage
reference / Analog ground voltage
3
PA0(5)/[USART_CK](2)/
SWIM/BEEP/IR_TIM (6)
I/O -
X X X
HS
(6)
XX
Port
A0
[USART1 synchronous clock](2) /
SWIM input and output /
Beep output / Infrared timer output
1. At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31, STM8AL3L
MCU lines reference manual (RM0031).
2. [ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
3. A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
4. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not
implemented).
5. The PA0 pin is in input pull-up during the reset phase and after reset release.
6. High Sink LED driver capability available on PA0.
Table 4. STM8L051F3 pin description (continued)
pin
n°
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com