Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L051F3 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 33Page - STMicroelectronics STM8L051F3 Datasheet HTML 34Page - STMicroelectronics STM8L051F3 Datasheet HTML 35Page - STMicroelectronics STM8L051F3 Datasheet HTML 36Page - STMicroelectronics STM8L051F3 Datasheet HTML 37Page - STMicroelectronics STM8L051F3 Datasheet HTML 38Page - STMicroelectronics STM8L051F3 Datasheet HTML 39Page - STMicroelectronics STM8L051F3 Datasheet HTML 40Page - STMicroelectronics STM8L051F3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
DS9178 Rev 4
37/96
STM8L051F3
Memory and register map
41
0x00 53C8 to
0x00 542F
Reserved area(104 bytes)
0x00 5430
RI
Reserved area (1 byte)
0x00
0x00 5433
RI_IOIR1
RI I/O input register 1
0xXX
0x00 5434
RI_IOIR2
RI I/O input register 2
0xXX
0x00 5435
RI_IOIR3
RI I/O input register 3
0xXX
0x00 5436
RI_IOCMR1
RI I/O control mode register 1
0x00
0x00 5437
RI_IOCMR2
RI I/O control mode register 2
0x00
0x00 5438
RI_IOCMR3
RI I/O control mode register 3
0x00
0x00 5439
RI_IOSR1
RI I/O switch register 1
0x00
0x00 543A
RI_IOSR2
RI I/O switch register 2
0x00
0x00 543B
RI_IOSR3
RI I/O switch register 3
0x00
0x00 543C
RI_IOGCR
RI I/O group control register
0xFF
0x00 543D
RI_ASCR1
Analog switch register 1
0x00
0x00 543E
RI_ASCR2
RI Analog switch register 2
0x00
0x00 543F
RI_RCR
RI Resistor control register
0x00
0x00 5440
to
0x00 544F
Reserved area (16 bytes)
0x00 5450
RI
RI_CR
RI I/O control register
0x00
0x00 5451
RI_MASKR1
RI I/O mask register 1
0x00
0x00 5452
RI_MASKR2
RI I/O mask register 2
0x00
0x00 5453
RI_MASKR3
RI I/O mask register 3
0x00
0x00 5454
RI_MASKR4
RI I/O mask register 4
0x00
0x00 5455
RI_IOIR4
RI I/O input register 4
0xXX
0x00 5456
RI_IOCMR4
RI I/O control mode register 4
0x00
0x00 5457
RI_IOSR4
RI I/O switch register 4
0x00
1. These registers are not impacted by a system reset. They are reset at power-on.
Table 7. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com