Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572LX Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 45Page - STMicroelectronics SPC572LX Datasheet HTML 46Page - STMicroelectronics SPC572LX Datasheet HTML 47Page - STMicroelectronics SPC572LX Datasheet HTML 48Page - STMicroelectronics SPC572LX Datasheet HTML 49Page - STMicroelectronics SPC572LX Datasheet HTML 50Page - STMicroelectronics SPC572LX Datasheet HTML 51Page - STMicroelectronics SPC572LX Datasheet HTML 52Page - STMicroelectronics SPC572LX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
DocID027866 Rev 5
49/112
SPC572Lx
Electrical characteristics
111
ΔTUE12
CC
D TUE degradation due to
VDD_HV_ADR offset with
respect to VDD_HV_ADV
VIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
∈ [0:25 mV]
00
LSB
(12b)
DVIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
∈ [25:50 mV]
–2
2
DVIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
∈ [50:75 mV]
–4
4
DVIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
∈ [75:100 mV]
–6
6
DVDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
∈ [0:25 mV]
–2.5
2.5
DVDD_HV_ADV< VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
∈ [25:50 mV]
–4
4
DVDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
∈ [50:75 mV]
–7
7
DVDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
∈ [75:100 mV]
–12
12
DNL
CC
P Differential non-linearity VDD_HV_ADV > 4 V
VDD_HV_ADR > 4 V
–1
2
LSB
(12b)
1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2. Characteristics corresponding to SARB channels apply only for slow SAR channels i.e., all SARB channels except AN16,
AN17, and AN24.
3. Minimum ADC sample times are dependent on adequate charge transfer from the external driving circuit to the internal
sample capacitor. The time constant of the entire circuit must allow the sampling capacitor to charge within 1/2 LSB within
the sampling window. Please refer to Figure 12 and Figure 13 for models of the internal ADC circuit, and the values to use
in external RC sizing and calculating the sampling window duration.
4. IADCREFH and IADCREFL are independent from ADC clock frequency. It depends on conversion rate: consumption is driven
by the transfer of charge between internal capacitances during the conversion.
5. Current parameter values are for a single ADC.
6. Total consumption is given by the sum for all ADCs (associated to the reference pin) of their dynamic consumption and their
static consumption.
7. Typical consumption is 2 µA.
8. Typical consumption is 4 µA.
Table 25. SARn ADC electrical specification(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com