Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572LX Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 64Page - STMicroelectronics SPC572LX Datasheet HTML 65Page - STMicroelectronics SPC572LX Datasheet HTML 66Page - STMicroelectronics SPC572LX Datasheet HTML 67Page - STMicroelectronics SPC572LX Datasheet HTML 68Page - STMicroelectronics SPC572LX Datasheet HTML 69Page - STMicroelectronics SPC572LX Datasheet HTML 70Page - STMicroelectronics SPC572LX Datasheet HTML 71Page - STMicroelectronics SPC572LX Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Electrical characteristics
SPC572Lx
68/112
DocID027866 Rev 5
Table 36. Flash memory program and erase specifications (pending silicon characterization) (1)
Symbol
Characteristics(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C(6)
All
temp
(7)
C
< 1 K
cycles
< 100 K
cycles
tdwprogram Double Word (64 bits) program
time [Packaged part]
38
C
150
—
—
94
500
C
µs
tpprogram
Page (256 bits) program time
78
C
300
—
—
214
1000
C
µs
tpprogrameep Page (256 bits) program time
EEPROM (partition 2)
[Packaged part]
90
C
330
—
—
250
1000
C
µs
tqprogram
Quad Page (1024 bits) program
time
274
C
1000
1500 —
802
2000
C
µs
tqprogrameep Quad Page (1024 bits) program
time EEPROM (partition 2)
[Packaged part]
315
C
1100
1650
P
925
2000
C
µs
t256kpperase 256 KB block pre-program and
erase time
1800 C
2400
3400
P
1980
15000
—
C
ms
t256kprogram 256 KB block program time
584
C
760
1140
P
650
17000
—
C
ms
t16kprogrameep Program 16 KB EEPROM
(partition 1)
37
C
48
72
P
69
1000
C
ms
t16keraseeep Erase 16 KB EEPROM (partition
1)
350
C
1200
1200
P
600
5000
C
ms
ttr
Program rate(8)
2.34
C
3.04
4.56
C
2.60
—
C s/MB
tpr
Erase rate(8)
7.2
C
14.4
28.8
C
7.92
—
C s/MB
tffprogram
Full flash programming time(9)
4
C
16
24
P
5
26
—
C
s
tfferase
Full flash erasing time(9)
12
C
24
30
P
15
40
—
C
s
tESRT
Erase suspend request rate(10)
5.5
T
—
—
—
—
—
T
ms
tPSRT
Program suspend request
rate(10)
20
T
—
—
—
—
—
T
µs
tPSUS
Program suspend latency(11)
——
—
—
—
—
15
T
µs
tESUS
Erase suspend latency(11)
——
—
—
—
—
30
T
µs
tAIC0S
Array Integrity Check Partition 0
(1.5 MB, sequential)(12)
20
T
—
—
—
—
—
—
—
ms
tAIC0P
Array Integrity Check Partition 0
(1.5 MB, proprietary)(12)
3.35
T
—
—
—
—
—
—
—
s
tMR0S
Margin Read Partition 0 (1.5
MB, sequential)
100
T
—
—
—
—
—
—
—
ms
tMR0P
Margin Read Partition 0 (1.5
MB, proprietary)
16.7
T
—
—
—
—
—
—
—
s
1. Characteristics are valid both for DATA Flash and CODE Flash, unless specified in the characteristics column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com