Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572LX Datasheet(PDF) 92 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 88Page - STMicroelectronics SPC572LX Datasheet HTML 89Page - STMicroelectronics SPC572LX Datasheet HTML 90Page - STMicroelectronics SPC572LX Datasheet HTML 91Page - STMicroelectronics SPC572LX Datasheet HTML 92Page - STMicroelectronics SPC572LX Datasheet HTML 93Page - STMicroelectronics SPC572LX Datasheet HTML 94Page - STMicroelectronics SPC572LX Datasheet HTML 95Page - STMicroelectronics SPC572LX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
Package characteristics
SPC572Lx
92/112
DocID027866 Rev 5
4.2
eTQFP80 case drawing
Figure 38. eTQFP80 – STMicroelectronics package mechanical drawing
eTQFP80 BODY 10x10x1.0 mm
FOOT PRINT 1.0 mm EXPOSED PAD DOWN
PACKAGE CODE :A0R6
REFERENCE : 8384969
JEDEC/EIAJ REFERENCE NUMBER : JEDEC MS-026-ACE-HD
MECHANICAL PACKAGE DRAWINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com