Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572LX Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 28Page - STMicroelectronics SPC572LX Datasheet HTML 29Page - STMicroelectronics SPC572LX Datasheet HTML 30Page - STMicroelectronics SPC572LX Datasheet HTML 31Page - STMicroelectronics SPC572LX Datasheet HTML 32Page - STMicroelectronics SPC572LX Datasheet HTML 33Page - STMicroelectronics SPC572LX Datasheet HTML 34Page - STMicroelectronics SPC572LX Datasheet HTML 35Page - STMicroelectronics SPC572LX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
Electrical characteristics
SPC572Lx
32/112
DocID027866 Rev 5
Table 17 shows the VERY STRONG configuration output buffer electrical characteristics.
TPHL/PLH CC
D
Propagation delay
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.9 V
—
—
12
ns
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V
——
18
CL = 50 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
20
CL = 50 pF,
3.0 V < VDD_HV_IO <
3.6 V(5)
——
36
1. All VDD_HV_IO conditions for 4.5 V to 5.5 V are valid for VSIO[VSIO_xx] = 1, and all specifications for 3.0 V to 3.6 V are valid
for VSIO[VSIO_xx] = 0
2. All values need to be confirmed during device validation.
3. CL is the sum of external capacitance. Device and package capacitances (CIN, defined in Table 12) are to be added to
calculate total signal capacitance (CTOT = CL + CIN).
4. Transition time maximum value is approximated by the following formula: tTR_S(ns) = 4.5 ns + CL(pF) x 0.23 ns/pF.
5. Only for VDD_HV_IO_JTAG segment when VSIO[VSIO_IJ] = 0 or VDD_HV_IO_ETH segment when VSIO[VSIO_IF] = 0
Table 16. STRONG configuration output buffer electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
Table 17. VERY STRONG configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
ROH_V
CC
P
PMOS output impedance
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
IOH = 8 mA
20
40
60
Ω
CVDD_HV_IO = 3.3 V ± 10%,
VSIO[VSIO_xx] = 0,
IOH = 7 mA(3)
30
50
75
ROL_V
CC
P
NMOS output impedance
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
IOL = 8 mA
20
40
60
Ω
CVDD_HV_IO = 3.3 V ± 10%,
VSIO[VSIO_xx] = 0,
IOL = 7 mA(3)
30
50
75
fMAX_V
CC
T
Output frequency
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
CL = 25 pF(4)
——
50
MHz
VSIO[VSIO_xx] = 1,
CL = 15 pF(3),(4)
——
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com