Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572LX Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 97Page - STMicroelectronics SPC572LX Datasheet HTML 98Page - STMicroelectronics SPC572LX Datasheet HTML 99Page - STMicroelectronics SPC572LX Datasheet HTML 100Page - STMicroelectronics SPC572LX Datasheet HTML 101Page - STMicroelectronics SPC572LX Datasheet HTML 102Page - STMicroelectronics SPC572LX Datasheet HTML 103Page - STMicroelectronics SPC572LX Datasheet HTML 104Page - STMicroelectronics SPC572LX Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
DocID027866 Rev 5
101/112
SPC572Lx
Ordering information
111
5
Ordering information
Figure 40. Product code structure
1. Order on 1 MB part numbers can be entered upon ST’s acceptance conditioned by volumes. Please
contact your ST sales office to ask for the availability of a particular commercial product.
2. Features (e.g. flash, RAM or peripherals) not included in the commercial product cannot be used. ST
cannot be called to take any liability for features used outside the commercial product.
Memory
Core Family
Y= Tray
R = Tape and Reel
6=80 MHz
4=64 MHz
C = 125 oC Ta
F2 = eTQFP80, 0.4 mm pitch
E3 = eTQFP100, 0.5 mm pitch
64 = 1.5 MB
60 = 1 MB
L = SPC57L family
2 = Single Computing e200z2 core
SPC57 = Power Architecture in
55 nm
Temperature
Package
SPC57
64
2L
E3
Example code:
Product identifier
C
6
Frequency
A
Packing
R
Reserved
B
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com