Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 2Page - STMicroelectronics SPC58EEX Datasheet HTML 3Page - STMicroelectronics SPC58EEX Datasheet HTML 4Page - STMicroelectronics SPC58EEX Datasheet HTML 5Page - STMicroelectronics SPC58EEX Datasheet HTML 6Page - STMicroelectronics SPC58EEX Datasheet HTML 7Page - STMicroelectronics SPC58EEX Datasheet HTML 8Page - STMicroelectronics SPC58EEX Datasheet HTML 9Page - STMicroelectronics SPC58EEX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 154 page
background image
Introduction
SPC58EEx, SPC58NEx
6/154
DS11646 Rev 4
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC5x series of microcontroller units (MCUs). For functional characteristics, see the
SPC5x microcontroller reference manual.
1.2
Description
The SPC58xEx microcontroller is the first in a new family of devices superseding the SPC5x
family. SPC58xEx builds on the legacy of the SPC5x family, while introducing new features
coupled with higher throughput to provide substantial reduction of cost per feature and
significant power and performance improvement (MIPS per mW).
1.3
Device feature summary
Table 2. SPC58xEx feature summary
Feature
Description
SPC58 family
40 nm
Computing Shell 0
Number of Cores
up to 2
Number of checker cores
up to
Local RAM
16 KB Instruction
64 KB Data
Single Precision Floating Point
Yes
SIMD (LSP)
No
VLE
Yes
Cache
8 KB Instruction
4 KB Data
Computing Shell 1
Number of Cores
1
Number of checker cores
up to 1
Local RAM
16 KB Instruction
32 KB Data
Single Precision Floating Point
Yes
SIMD (LSP)
Yes
VLE
Yes
Cache
8 KB Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com