Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 87Page - STMicroelectronics SPC58EEX Datasheet HTML 88Page - STMicroelectronics SPC58EEX Datasheet HTML 89Page - STMicroelectronics SPC58EEX Datasheet HTML 90Page - STMicroelectronics SPC58EEX Datasheet HTML 91Page - STMicroelectronics SPC58EEX Datasheet HTML 92Page - STMicroelectronics SPC58EEX Datasheet HTML 93Page - STMicroelectronics SPC58EEX Datasheet HTML 94Page - STMicroelectronics SPC58EEX Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
DS11644 Rev 4
91/154
SPC58EEx, SPC58NEx
Electrical characteristics
91
All the Flash operations require the presence of the system clock for internal
synchronization. About 50 synchronization cycles are needed: this means that the timings of
the previous table can be longer if a low frequency system clock is used.
11. Timings guaranteed by design.
12. AIC is done using system clock, thus all timing is dependent on system frequency and number of wait states. Timing in the
table is calculated at max frequency.
Table 48. Flash memory Life Specification
Symbol
Characteristics(1) (2)
1. Program and erase cycles supported across specified temperature specifications.
2. It is recommended that the application enables the core cache memory.
Value
Unit
Min
C
Typ
C
NCER16K 16 KB CODE Flash endurance
10
—
100
— Kcycles
NCER32K 32 KB CODE Flash endurance
10
—
100
— Kcycles
NCER64K 64 KB CODE Flash endurance
10
—
100
— Kcycles
NCER128K 128 KB CODE Flash endurance
1
—
100
— Kcycles
NCER256K
256 KB CODE Flash endurance
1
—
100
— Kcycles
256 KB CODE Flash endurance(3)
3. 10K cycles on 4-256 KB blocks is not intended for production. Reduced reliability and degraded erase time
are possible.
10
—
100
— Kcycles
NDER64K 64 KB DATA EEPROM Flash endurance
250
—
—
— Kcycles
NDER16K 16 KB HSM DATA EEPROM Flash endurance
100
—
—
— Kcycles
tDR1k
Minimum data retention Blocks with 0 - 1,000 P/E
cycles
25
—
—
—
Years
tDR10k
Minimum data retention Blocks with 1,001 - 10,000
P/E cycles
20
—
—
—
Years
tDR100k
Minimum data retention Blocks with 10,001 - 100,000
P/E cycles
15
—
—
—
Years
tDR250k
Minimum data retention Blocks with 100,001 -
250,000 P/E cycles
10
—
—
—
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com