Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 64Page - STMicroelectronics SPC58EEX Datasheet HTML 65Page - STMicroelectronics SPC58EEX Datasheet HTML 66Page - STMicroelectronics SPC58EEX Datasheet HTML 67Page - STMicroelectronics SPC58EEX Datasheet HTML 68Page - STMicroelectronics SPC58EEX Datasheet HTML 69Page - STMicroelectronics SPC58EEX Datasheet HTML 70Page - STMicroelectronics SPC58EEX Datasheet HTML 71Page - STMicroelectronics SPC58EEX Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
68/154
DS11646 Rev 4
3.14
LFAST pad electrical characteristics
The LFAST(LVDS Fast Asynchronous Serial Transmission) pad electrical characteristics
apply to both the SIPI and high-speed debug serial interfaces on the device. The same
LVDS pad is used for the Microsecond Channel (MSC) and DSPI LVDS interfaces, with
different characteristics given in the following tables.
3.14.1
LFAST interface timing diagrams
Figure 9. LFAST and MSC/DSPI LVDS timing definition
Signal excursions above this level NOT allowed
Max. common mode input at RX
Signal excursions below this level NOT allowed
Min. common mode input at RX
Data Bit Period
Minimum Data Bit Time
Opening =
0.55 * T (LFAST)
0.50 * T (MSC/DSPI)
Max Differential Voltage =
285 mV (LFAST)
400 mV (MSC/DSPI)
Min Differential
Voltage =
100 mV (LFAST)
150 mV (MSC/DSPI)
1743 mV
1600 mV
VOS = 1.2 V +/- 10%
TX common mode
VICOM
150 mV
0V
1743 mV
“No-Go”
T = 1 /FDATA
|ΔVOD|
|ΔVOD|
ΔPEREYE
ΔPEREYE
PAD_N
PAD_P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com