Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5201 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5201 Datasheet HTML 14Page - Microchip Technology MIC5201 Datasheet HTML 15Page - Microchip Technology MIC5201 Datasheet HTML 16Page - Microchip Technology MIC5201 Datasheet HTML 17Page - Microchip Technology MIC5201 Datasheet HTML 18Page - Microchip Technology MIC5201 Datasheet HTML 19Page - Microchip Technology MIC5201 Datasheet HTML 20Page - Microchip Technology MIC5201 Datasheet HTML 21Page - Microchip Technology MIC5201 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005718D-page 19
MIC5201
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5201YM:
150 mA Low Dropout Regulator
Adjustable Voltage, 8-Lead
SOIC, –40°C to +85°C
Junction Temperature Range,
95/Tube
b) MIC5201-3.0YM-TR:
150 mA Low Dropout Regulator
3.0V Voltage, 8-Lead SOIC,
–40°C to +85°C Junction
Temperature Range,
2,500/Reel
c) MIC5201-3.3YM:
150 mA Low Dropout Regulator
3.3V Voltage, 8-Lead SOIC,
–40°C to +85°C Junction
Temperature Range,
95/Tube
d) MIC5201-5.0YM-TR:
150 mA Low Dropout Regulator
5.0V Voltage, 8-Lead SOIC,
–40°C to +85°C Junction
Temperature Range,
2,500/Reel
e) MIC5201-3.0YS:
150 mA Low Dropout Regulator
3.0V Voltage, 3-Lead SOT-223,
–40°C to +85°C Junction
Temperature Range,
78/Tube
f) MIC5201-3.3YS-TR:
150 mA Low Dropout Regulator
3.3V Voltage, 3-Lead SOT-223,
–40°C to +85°C Junction
Temperature Range,
2,500/Reel
g) MIC5201-4.8YS:
150 mA Low Dropout Regulator
4.8V Voltage, 3-Lead SOT-223,
–40°C to +85°C Junction
Temperature Range,
78/Tube
h) MIC5201-5.0YS-TR:
150 mA Low Dropout Regulator
5.0V Voltage, 3-Lead SOT-223,
–40°C to +85°C Junction
Temperature Range,
2,500/Reel
i) MIC5201-5.0YM-TRVAO:150 mA Low Dropout Regulator
5.0V Voltage, 8-Lead SOIC,
–40°C to +85°C Junction
Temperature Range,
3,300/Reel
j) MIC5201-3.3YM-TRVAO:150 mA Low Dropout Regulator
3.3V Voltage, 8-Lead SOIC,
–40°C to +85°C Junction
Temperature Range,
3,300/Reel
k) MIC5201-5.0YS-TRVAO:150 mA Low Dropout Regulator
5.0V Voltage, 3-Lead SOT-223,
–40°C to +85°C Junction
Temperature Range,
4,000/Reel
Device:
MIC5201:
150 mA Low Dropout Regulator
Voltage:
(blank) = Adjustable (M package only)
3.0
= 3.0V
3.3
= 3.3V
4.8
= 4.8V (S package only)
5.0
= 5.0V
Junction
Temperature
Range:
Y
=
–40°C to +85°C
Package:
M
=
8-Lead SOIC
S
=
3-Lead SOT-223
Media Type:
TR
= 4,000/Reel (S Package, Automotive)
(blank)= 78/Tube (S Package, Automotive)
TR =
3,300/Reel (M Package, Automotive)
(blank) = 100/Tube (M Package, Automotive)
TR =
2,500/Reel (S Package, Commercial)
(blank)= 78/Tube (S Package, Commercial)
TR
= 2,500/Reel (M Package, Commercial)
(blank)= 95/Tube (M Package, Commercial)
Qualification:
(blank) = Standard Qualification
VAO = AEC-Q100 Automotive Qualification
Vxx = AEC-Q100 Automotive Qualification, custom
device, additional terms or conditions may apply
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
PART No.
-
X.X
X
X
-XX
XXX
Device
Voltage Junction Temp.
Range
Package
Media Type Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com