Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5201 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5201 Datasheet HTML 7Page - Microchip Technology MIC5201 Datasheet HTML 8Page - Microchip Technology MIC5201 Datasheet HTML 9Page - Microchip Technology MIC5201 Datasheet HTML 10Page - Microchip Technology MIC5201 Datasheet HTML 11Page - Microchip Technology MIC5201 Datasheet HTML 12Page - Microchip Technology MIC5201 Datasheet HTML 13Page - Microchip Technology MIC5201 Datasheet HTML 14Page - Microchip Technology MIC5201 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005718D-page 11
MIC5201
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
SOT-223
Pin Number
SOIC-8 (Adj.)
Pin Number
SOIC-8
(Fixed)
Pin Name
Description
3
1
1
OUT
Regulated output.
—
2
—
ADJ
Feedback input. Adjustable version only.
—
4, 6, 7
2, 4, 6, 7
NC
Not internally connected. Connect to ground plane for
lowest thermal resistance.
2
3
3
GND
Ground.
—
5
5
EN
Enable (input): High = enable.
Low or open = off/disable.
1
8
8
VIN
Unregulated supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com