Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5201 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5201 Datasheet HTML 9Page - Microchip Technology MIC5201 Datasheet HTML 10Page - Microchip Technology MIC5201 Datasheet HTML 11Page - Microchip Technology MIC5201 Datasheet HTML 12Page - Microchip Technology MIC5201 Datasheet HTML 13Page - Microchip Technology MIC5201 Datasheet HTML 14Page - Microchip Technology MIC5201 Datasheet HTML 15Page - Microchip Technology MIC5201 Datasheet HTML 16Page - Microchip Technology MIC5201 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005718D-page 13
MIC5201
4.7
Nominal Power Dissipation and
Die Temperature
The MIC5201-x.xYM at a +25°C ambient temperature
will operate reliably at up to 625 mW power dissipation
when mounted in the “worst case” manner described
above. At an ambient temperature of +55°C, the device
may safely dissipate 440 mW. These power levels are
equivalent to a die temperature of +85°C, the
recommended maximum temperature for non-military
grade silicon integrated circuits.
For MIC5201-x.xYS (SOT-223 package) heat sink
characteristics, please refer to Application Hint 17, P.C.
Board Heat Sinking.
FIGURE 4-4:
Minimum Recommended
SOIC-8 PCB Pads Size.
250 mil
30 mil
50 mil
150 mil
50 mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com