Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5201 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5201 Datasheet HTML 8Page - Microchip Technology MIC5201 Datasheet HTML 9Page - Microchip Technology MIC5201 Datasheet HTML 10Page - Microchip Technology MIC5201 Datasheet HTML 11Page - Microchip Technology MIC5201 Datasheet HTML 12Page - Microchip Technology MIC5201 Datasheet HTML 13Page - Microchip Technology MIC5201 Datasheet HTML 14Page - Microchip Technology MIC5201 Datasheet HTML 15Page - Microchip Technology MIC5201 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MIC5201
DS20005718D-page 12
2017 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATIONS INFORMATION
Figure 4-1 shows a basic fixed-voltage application with
the unused enable input connected to VIN.
FIGURE 4-1:
Fixed Application.
Adjustable regulators require two resistors to set the
output voltage. See Figure 4-2.
FIGURE 4-2:
Adjustable Application.
Resistor values are not critical because ADJ (adjust)
has a high impedance, but for best results use resistors
of 470 kΩ or less.
4.1
Output Capacitors
A 1 μF capacitor is recommended between the
MIC5201 output and ground to prevent oscillations due
to instability. Larger values serve to improve the
regulator’s transient response. Most types of tantalum
or aluminum electrolytics will be adequate; film types
will work, but are costly and therefore not
recommended. Many aluminum electrolytics have
electrolytes that freeze at about –30°C, so solid
tantalums are recommended for operation below
–25°C. The important parameters of the capacitor are
an effective series resistance of about 5Ω or less and a
resonant frequency above 500 kHz. The value of this
capacitor may be increased without limit.
At lower values of output current, less output
capacitance is required for output stability. The
capacitor can be reduced to 0.47 μF for current below
10 mA or 0.33 μF for currents below 1 mA.
4.2
Input Capacitors
A 1 μF capacitor should be placed from the MIC5201
input to ground if there is more than 10 inches of wire
between the input and the AC filter capacitor or if a
battery is used as the input.
4.3
Noise Reduction Capacitors
On adjustable devices, a capacitor from ADJ to GND
will decrease high-frequency noise on the output. See
Figure 4-3.
FIGURE 4-3:
Decreasing Output Noise.
4.4
Minimum Load
The MIC5201 will remain stable and in regulation with
no load unlike many other voltage regulators. This is
especially important in CMOS RAM keep-alive
applications.
4.5
Dual-Supply Systems
When used in dual supply systems where the regulator
load is returned to a negative supply, the output voltage
must be diode clamped to ground.
4.6
Thermal Considerations Layout
The MIC5201-x.xYM (8-pin surface mount package)
has the following thermal characteristics when
mounted on a single layer copper-clad printed circuit
board.
Multilayer boards having a ground plane, wide traces
near the pads, and large supply bus lines provide better
thermal conductivity.
The “worst case” value of 160°C/W assumes no ground
plane, minimum trace widths, and a FR4 material
board.
MIC5201-x.xYM
MIC5201-x.xYS
IN
OUT
GND
1μF
VIN
VOUT
EN
MIC5201YM
IN
OUT
GND
VIN
EN
ADJ
3.3μF
VOUT
R1
R2
V
OUT = 1.242V x (1+
)
R2
R1
TABLE 4-1:
THERMAL
CHARACTERISTICS
PCB Dielectric
θJA
FR4
160ºC/W
Ceramic
120ºC/W
MIC5201YM
IN
OUT
GND
VIN
EN
ADJ
3.3μF
VOUT
R1
R2
CADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com