Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5207 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5207 Datasheet HTML 16Page - Microchip Technology MIC5207 Datasheet HTML 17Page - Microchip Technology MIC5207 Datasheet HTML 18Page - Microchip Technology MIC5207 Datasheet HTML 19Page - Microchip Technology MIC5207 Datasheet HTML 20Page - Microchip Technology MIC5207 Datasheet HTML 21Page - Microchip Technology MIC5207 Datasheet HTML 22Page - Microchip Technology MIC5207 Datasheet HTML 23Page - Microchip Technology MIC5207 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005719C-page 21
MIC5207
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5207-1.8YD5-TR: 180 mA Low-Noise LDO
Regulator, 1.8V Voltage, 5-Lead
TSOT, –40°C to +125°C
Temperature Range,
3,000/Reel
b) MIC5207-2.5YM5-TR: 180 mA Low-Noise LDO
Regulator, 2.5V Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel
c) MIC5207-2.5YM5-TX: 180 mA Low-Noise LDO
Regulator, 2.5V Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel (Reverse Pin 1)
d) MIC5207YM5-TR:
180 mA Low-Noise LDO
Regulator, Adj. Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel
e) MIC5207-2.9YM5-TR: 180 mA Low-Noise LDO
Regulator, 2.9V Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel
f) MIC5207-3.1YM5-TR: 180 mA Low-Noise LDO
Regulator, 3.1V Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel
g) MIC5207-5.0YM5-TR: 180 mA Low-Noise LDO
Regulator, 5.0V Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel
h) MIC5207-3.3YM5-TX: 180 mA Low-Noise LDO
Regulator, 3.3V Voltage, 5-Lead
SOT-23, –40°C to +125°C
Temperature Range,
3,000/Reel (Reverse Pin 1)
PART NO.
X
Package
Device
Device:
MIC5207:
180 mA Low Noise LDO Regulator
Voltage:
(blank) = Adjustable
1.8
= 1.8V
2.5
= 2.5V
2.8
= 2.8V
2.9
= 2.9V
3.0
= 3.0V
3.1
= 3.1V
3.2
= 3.2V
3.3
= 3.3V
4.0
= 4.0V
5.0
= 5.0V
Temperature:
Y
=
–40°C to +125°C
Package:
D5 =
5-Lead TSOT
M5 =
5-Lead SOT-23
Media Type:
TR = 3,000/Reel
TX = 3,000/Reel (Reverse Pin 1 Orientation)
X
Temperature
XX
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
X.X
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com