Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5207 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5207 Datasheet HTML 7Page - Microchip Technology MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology MIC5207 Datasheet HTML 10Page - Microchip Technology MIC5207 Datasheet HTML 11Page - Microchip Technology MIC5207 Datasheet HTML 12Page - Microchip Technology MIC5207 Datasheet HTML 13Page - Microchip Technology MIC5207 Datasheet HTML 14Page - Microchip Technology MIC5207 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005719C-page 11
MIC5207
4.0
APPLICATIONS INFORMATION
4.1
Enable/Shutdown
Forcing EN (enable/shutdown) high (> 2V) enables the
regulator. EN is compatible with CMOS logic gates.
If the enable/shutdown feature is not required, connect
EN (pin 3) to IN (supply input, pin 1). See Figure 4-1.
4.2
Input Capacitor
A 1 µF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the AC filter capacitor or if a battery is used as the
input.
4.3
Reference Bypass Capacitor
Reference bypass (BYP) is connected to the internal
voltage reference. A 470 pF capacitor (CBYP)
connected from BYP to GND quiets this reference,
providing a significant reduction in output noise. CBYP
reduces the regulator phase margin; when using CBYP,
output capacitors of 2.2 µF or greater are generally
required to maintain stability.
The start-up speed of the MIC5207 is inversely
proportional to the size of the reference bypass
capacitor. Applications requiring a slow ramp-up of
output voltage should consider larger values of CBYP.
Likewise, if rapid turn-on is necessary, consider
omitting CBYP.
If output noise is not a major concern, omit CBYP and
leave BYP open.
4.4
Output Capacitor
An output capacitor is required between OUT and GND
to prevent oscillation. The minimum size of the output
capacitor is dependent upon whether a reference
bypass capacitor is used. 1.0 µF minimum is
recommended when CBYP is not used (see Figure 4-2).
2.2 µF minimum is recommended when CBYP is 470 pF
(see Figure 4-1). Larger values improve the regulator’s
transient response. The output capacitor value may be
increased without limit.
The output capacitor should have an ESR (effective
series resistance) of about 5Ω or less and a resonant
frequency above 1 MHz. Ultra-low-ESR (ceramic)
capacitors can cause a low amplitude oscillation on the
output and/or under-damped transient response. Most
tantalum or aluminum electrolytic capacitors are
adequate; film types will work, but are more expensive.
Since many aluminum electrolytics have electrolytes
that freeze at about –30°C, solid tantalums are
recommended for operation below –25°C.
At lower values of output current, less output
capacitance is required for output stability. The
capacitor can be reduced to 0.47 µF for current below
10 mA or 0.33 µF for currents below 1 mA.
4.5
No-Load Stability
The MIC5207 will remain stable and in regulation with
no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
4.6
Thermal Considerations
The MIC5207 is designed to provide 180 mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the
output current and the voltage drop across the part. To
determine the maximum power dissipation of the
package, use the junction-to-ambient thermal
resistance of the device and the following basic
equation shown in Equation 4-1:
EQUATION 4-1:
TJ(MAX) is the maximum junction temperature of the
die, +125°C, and TA is the ambient operating
temperature. θJA is layout dependent; Table 4-1 shows
examples of junction-to-ambient thermal resistance for
the MIC5207.
The actual power dissipation of the regulator circuit can
be determined using Equation 4-2:
EQUATION 4-2:
Substituting PD(MAX) for PD and solving for the
operating conditions that are critical to the application
will give the maximum operating conditions for the
regulator circuit. For example, when operating the
TABLE 4-1:
SOT-23-5 THERMAL
RESISTANCE
θJA Rec.
Min. Footprint
θJA 1” Square
Copper Clad
θJ/C
235°C/W
170°C/W
130°C/W
PD MAX
TJ MAX
TA
–
JA
-------------------------------------
=
PD
VIN VOUT
–
IOUT
VIN
+
IGND
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com