Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5207 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology MIC5207 Datasheet HTML 10Page - Microchip Technology MIC5207 Datasheet HTML 11Page - Microchip Technology MIC5207 Datasheet HTML 12Page - Microchip Technology MIC5207 Datasheet HTML 13Page - Microchip Technology MIC5207 Datasheet HTML 14Page - Microchip Technology MIC5207 Datasheet HTML 15Page - Microchip Technology MIC5207 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC5207
DS20005719C-page 12
2017 - 2022 Microchip Technology Inc. and its subsidiaries
MIC5207-3.3YM5 at room temperature with a minimum
footprint layout, the maximum input voltage for a set
output current can be determined with Equation 4-3:
EQUATION 4-3:
The junction-to-ambient thermal resistance for the
minimum footprint is 235°C/W, from Table 4-1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.3V and
an output current of 150 mA, the maximum input
voltage can be determined. From the Electrical
Characteristics table, the maximum ground current for
150 mA output current is 3000 µA or 3 mA.
EQUATION 4-4:
Where:
EQUATION 4-5:
Then:
EQUATION 4-6:
Resulting in:
EQUATION 4-7:
Therefore, a 3.3V application at 150 mA of output
current can accept a maximum input voltage of 6V in a
SOT-23-5 package. For a full discussion of heat sinking
and thermal effects on voltage regulators, refer to the
Regulator Thermals section of Microchip’s Designing
with Low-Dropout Voltage Regulators handbook.
4.7
Low-Voltage Operation
The MIC5207-1.8 and MIC5207-2.5 require special
consideration when used in voltage-sensitive systems.
They may momentarily overshoot their nominal output
voltages unless appropriate output and bypass
capacitor values are chosen.
During regulator power up, the pass transistor is fully
saturated for a short time, while the error amplifier and
voltage reference are being powered up more slowly
from the output (see Functional Diagrams). Selecting
larger output and bypass capacitors allows additional
time for the error amplifier and reference to turn on and
prevent overshoot.
To ensure that no overshoot is present when starting up
into a light load (100 µA), use a 4.7 µF output
capacitance and 470 pF bypass capacitance. This
slows the turn-on enough to allow the regulator to react
and keep the output voltage from exceeding its nominal
value. At heavier loads, use a 10 µF output
capacitance and 470 pF bypass capacitance. Lower
values of output and bypass capacitance can be used,
depending on the sensitivity of the system.
Applications that can withstand some overshoot on the
output of the regulator can reduce the output capacitor
and/or reduce or eliminate the bypass capacitor.
Applications that are not sensitive to overshoot due to
power-on reset delays can use normal output and
bypass capacitor configurations.
Please note the junction temperature range of the
regulator with an output less than 2.5V fixed and
adjustable is 0°C to +125°C.
4.8
Fixed Regulator Applications
FIGURE 4-1:
Ultra-Low-Noise
Fixed-Voltage Application.
PD MAX
125oC 25oC
–
235oC/W
----------------------------------
425mW
=
=
425mW
VIN 3.3V
–
150mA
VIN
+
3mA
=
425mW
VIN 150mA 495mW VIN 3mA
+
–
=
920mW
VIN 153mA
=
VIN MAX
6.01V
=
15
2
34
2.2μF
VOUT
MIC5207-x.xYM5
VIN
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com