Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5207 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5207 Datasheet HTML 9Page - Microchip Technology MIC5207 Datasheet HTML 10Page - Microchip Technology MIC5207 Datasheet HTML 11Page - Microchip Technology MIC5207 Datasheet HTML 12Page - Microchip Technology MIC5207 Datasheet HTML 13Page - Microchip Technology MIC5207 Datasheet HTML 14Page - Microchip Technology MIC5207 Datasheet HTML 15Page - Microchip Technology MIC5207 Datasheet HTML 16Page - Microchip Technology MIC5207 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005719C-page 13
MIC5207
Figure 4-1
includes
a
470 pF
capacitor
for
ultra-low-noise operation and shows EN (pin 3)
connected to IN (pin 1) for an application where
enable/shutdown is not required. COUT = 2.2 µF
minimum.
FIGURE 4-2:
Low-Noise Fixed-Voltage
Application.
Figure 4-2 is an example of a basic low-noise
configuration. COUT = 1 µF minimum.
4.9
Adjustable Regulator Applications
The MIC5207YM5 can be adjusted to a specific output
voltage by using two external resistors (Figure 4-3).
The resistors set the output voltage based on
Equation 4-8:
EQUATION 4-8:
This equation is correct due to the configuration of the
bandgap reference. The bandgap voltage is relative to
the output, as seen in the Functional Diagrams.
Traditional regulators normally have the reference
voltage relative to ground; therefore, their equations
are different from the equation for the MIC5207YM5.
Resistor values are not critical because ADJ (adjust)
has a high input impedance, but for best results use
resistors of 470 kΩ or less. A capacitor from ADJ to
ground provides greatly improved noise performance.
FIGURE 4-3:
Ultra-Low-Noise
Adjustable-Voltage Application.
Figure 4-3 includes the optional 470 pF noise bypass
capacitor from ADJ to GND to reduce output noise.
4.10 Dual-Supply Operation
When used in dual-supply systems where the regulator
load is returned to a negative supply, the output voltage
must be diode clamped to ground.
4.11 USB Application
Figure 4-4 shows the MIC5207-3.3YM5 in a USB
application. Because the VBUS supply may be greater
than 10 inches from the regulator, a 1 µF input
capacitor is included.
FIGURE 4-4:
Single-Port Self-Powered
Hub.
15
2
34
1.0μF
VOUT
MIC5207-x.xYM5
VIN
EN
ENABLE
SHUTDOWN
VOUT VREF 1 R2
R1
-------
+
1.242V
1 R2
R1
-------
+
=
=
15
2
34
2.2μF
VOUT
MIC5207YM5
VIN
470pF
R1
R2
D+
D–
GND
USB
PORT
DATA
EN
OUT
FLG
IN
ON/OFF
OVERCURRENT
MIC2525
USB CONTROLLER
GND
OUT
IN
V
CC
5.0V
0.1μF
10K
UPSTREAM
V
BUS
V
BUS
100mA MAX.
FERRITE
BEADS
150μF
D+
D–
GND
DATA
1μF
1μF
V
BUS
15
2
34
V
OUT
MIC5207-3.3YM5
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com