Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5237 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5237
Description  500 mA Low Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5237 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5237 Datasheet HTML 1Page - Microchip Technology MIC5237 Datasheet HTML 2Page - Microchip Technology MIC5237 Datasheet HTML 3Page - Microchip Technology MIC5237 Datasheet HTML 4Page - Microchip Technology MIC5237 Datasheet HTML 5Page - Microchip Technology MIC5237 Datasheet HTML 6Page - Microchip Technology MIC5237 Datasheet HTML 7Page - Microchip Technology MIC5237 Datasheet HTML 8Page - Microchip Technology MIC5237 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006095B-page 3
MIC5237
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) .......................................................................................................................... –20V to +20V
Power Dissipation (PD) (Note 1) ............................................................................................................Internally Limited
Operating Ratings ‡
Supply Input Voltage (VIN) ......................................................................................................................... +2.5V to +16V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(max) =
(TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die tem-
perature, and the regulator will go into thermal shutdown.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VOUT + 1.0V; COUT = 4.7 µF; IOUT = 100 µA; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VOUT
–3
—
3
%
Variation from nominal VOUT.
–5
—
5
Output Voltage Temperature
Coefficient
∆VOUT/∆T
—
40
—
ppm/°C Note 1
Line Regulation
∆VOUT/
VOUT
—
—
0.05
%/V
VIN = VOUT + 1V to 16V
—
0.015
0.1
Load Regulation
∆VOUT/
VOUT
—
0.05
0.5
%
IOUT = 100 µA to 500 mA, Note 2
—
—
0.7
Dropout Voltage, Note 3
VIN –
VOUT
—
10
70
mV
IOUT = 100 µA
—
—
90
mV
—
115
190
mV
IOUT = 50 mA
—
—
280
mV
—
165
350
mV
IOUT = 150 mA
—
—
450
mV
—
300
600
mV
IOUT = 500 mA
—
—
700
mV
Ground Pin Current, Note 4
IGND
—
80
130
µA
IOUT = 100 µA
—
—
170
µA
—
350
650
µA
IOUT = 50 mA
—
—
900
µA
—
1.8
2.5
mA
IOUT = 150 mA
—
—
3.0
mA
—
8
15
mA
IOUT = 500 mA
—
—
20
mA
Ripple Rejection
PSRR
—
75
—
dB
f = 120 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com