Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5237 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5237
Description  500 mA Low Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5237 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5237 Datasheet HTML 1Page - Microchip Technology MIC5237 Datasheet HTML 2Page - Microchip Technology MIC5237 Datasheet HTML 3Page - Microchip Technology MIC5237 Datasheet HTML 4Page - Microchip Technology MIC5237 Datasheet HTML 5Page - Microchip Technology MIC5237 Datasheet HTML 6Page - Microchip Technology MIC5237 Datasheet HTML 7Page - Microchip Technology MIC5237 Datasheet HTML 8Page - Microchip Technology MIC5237 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MIC5237
DS20006095B-page 4
2018 - 2022 Microchip Technology Inc. and its subsidiaries
Current Limit
ILIMIT
—
700
900
mA
VOUT = 0V
—
—
1000
Thermal Regulation
∆VOUT/
∆PD
—
0.05
—
%/W
Note 5
Output Noise
eno
—
500
—
nV/√Hz VOUT = 5.0V, IOUT = 50 mA,
COUT = 2.2 µF
Note 1: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
2: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 100 µA to 500 mA. Changes in output voltage due to heat-
ing effects are covered by the thermal regulation specification.
3: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
4: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
5: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 500 mA load pulse at VIN =
16V for t = 10 ms.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VOUT + 1.0V; COUT = 4.7 µF; IOUT = 100 µA; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com