Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5237 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5237
Description  500 mA Low Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5237 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5237 Datasheet HTML 4Page - Microchip Technology MIC5237 Datasheet HTML 5Page - Microchip Technology MIC5237 Datasheet HTML 6Page - Microchip Technology MIC5237 Datasheet HTML 7Page - Microchip Technology MIC5237 Datasheet HTML 8Page - Microchip Technology MIC5237 Datasheet HTML 9Page - Microchip Technology MIC5237 Datasheet HTML 10Page - Microchip Technology MIC5237 Datasheet HTML 11Page - Microchip Technology MIC5237 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MIC5237
DS20006095B-page 8
2018 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATION INFORMATION
The MIC5237 is intended for general purpose use and
can be implemented in a wide variety of applications
where 500 mA of output current is needed. It is
available in several voltage options for ease-of-use.
For voltage options that are not available on the
MIC5237, consult the MIC5209 for a 500 mA
adjustable LDO regulator, or the MIC5219 for
applications that require only short-duration peak
output current.
4.1
Input Capacitor
A 1 µF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the ac filter capacitor or if a battery is used as the
input.
4.2
Output Capacitor
An output capacitor is required between OUT and GND
to prevent oscillation. 1 µF minimum is recommended
for standard applications. Larger values improve the
regulator’s transient response. The output capacitor
value may be increased without limit.
The output capacitor should have an ESR (equivalent
series resistance) of about 5Ω or less and a resonant
frequency above 1 MHz. Ultra low-ESR capacitors can
cause low-amplitude oscillations and/or under-damped
transient response. Most tantalum or aluminum
electrolytic capacitors are adequate; film types will
work, but are more expensive. Because many
aluminum electrolytics have electrolytes that freeze at
about –30°C, solid tantalums are recommended for
operation below –25°C.
At lower values of output current, less output
capacitance is needed for output stability. The
capacitor can be reduced to 0.47 µF for current below
10 mA or 0.33 µF for currents below 1 mA.
For 2.5V applications a 22 µF output capacitor is
recommended to reduce startup voltage overshoot.
4.3
No-Load Stability
The MIC5237 will remain stable and in regulation with
no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
4.4
Thermal Considerations
Proper thermal design can be accomplished with some
basic design criteria and some simple equations. The
following information is required to implement a
regulator design.
• VIN = Input Voltage
• VOUT = Output Voltage
• IOUT = Output Current
• TA = Ambient Operating Temperature
• IGND = Ground Current
The regulator ground current, IGND, can be measured
or read from the data sheet. Assuming the worst case
scenario is good design procedure, and the
corresponding ground current number can be obtained
from the data sheet. First, calculate the power
dissipation of the device. This example uses the
MIC5237-5.0YT, a 13V input, and 500 mA output
current, which results in 20 mA of ground current, worst
case. The power dissipation is the sum of two power
calculations: voltage drop × output current and input
voltage × ground current.
EQUATION 4-1:
EQUATION 4-2:
From this number, the heat sink thermal resistance is
determined using the regulator’s maximum operating
junction temperature (TJ(max)) and the ambient
temperature (TA) along with the power dissipation
number already calculated.
• TJMAX = 125°C
• θJC = Junction-to-Case Thermal Resistance
• θCS = Case-to-Sink Thermal Resistance
• θJA = Junction-to-Ambient Thermal Resistance
• θSA = Sink-to-Ambient Thermal Resistance
To determine the heat sink thermal resistance, the
junction-to-case thermal resistance of the device must
be used along with the case-to-heat sink thermal
resistance. These numbers show the heat sink thermal
resistance required at TA = 25°C that does not exceed
the maximum operating junction temperature.
EQUATION 4-3:
PD
VIN VOUT
–
IOUT
VIN IGND
+
=
PD
13V 5V
–
500mA
13V 20mA
+
4.260W
=
=
JA
TJ MAX
TA
–
PD
--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com