Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5237 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5237
Description  500 mA Low Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5237 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5237 Datasheet HTML 1Page - Microchip Technology MIC5237 Datasheet HTML 2Page - Microchip Technology MIC5237 Datasheet HTML 3Page - Microchip Technology MIC5237 Datasheet HTML 4Page - Microchip Technology MIC5237 Datasheet HTML 5Page - Microchip Technology MIC5237 Datasheet HTML 6Page - Microchip Technology MIC5237 Datasheet HTML 7Page - Microchip Technology MIC5237 Datasheet HTML 8Page - Microchip Technology MIC5237 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006095B-page 1
MIC5237
Features
• Guaranteed 500 mA Output Over the Full
Operating Temperature Range
• Low 300 mV Typical Dropout Voltage at Full Load
• Extremely Tight Load and Line Regulation
• Current and Thermal Limiting
• Reversed-Battery Protection
• TO-220 and TO-263 Packages
• Low Temperature Coefficient
• No-Load Stability
• Low Noise Output
Applications
• Portable and Laptop Computers
• Desktop Computer
• Battery Chargers
• SMPS Post-Regulator and DC/DC Modules
• Consumer and Personal Electronics
General Description
The MIC5237 is a general-purpose low-dropout
regulator capable of 500 mA output current with better
than 3% output voltage accuracy. Using Microchip’s
proprietary Super ßeta PNP process with a PNP pass
element, these regulators feature less than 300 mV
dropout voltage and typically 8 mA ground current at
full load.
Designed for applications that require moderate
current over a broad input voltage range, including
hand-held and battery-powered devices, the MIC5237
is intended for applications that can tolerate moderate
voltage drop at higher current.
Key features include low ground current to help prolong
battery life, reversed-battery protection, current
limiting, overtemperature shutdown, and thermally
efficient packaging. The MIC5237 is available in fixed
output voltages only.
For
space-critical
applications
and
improved
performance, see the MIC5209 and MIC5219. For
output current requirements up to 750 mA, see the
MIC2937.
Package Types
MIC5237
3-Lead TO-220 (T)
MIC5237
3-Lead TO-263 (U)
3
OUT
2
GND
1IN
3
OUT
2
GND
1IN
500 mA Low Dropout Regulator


Similar Part No. - MIC5237

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5237-2.5BT MICREL-MIC5237-2.5BT Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5237-2.5BU MICREL-MIC5237-2.5BU Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5237-2.5BU MICREL-MIC5237-2.5BU Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
MIC5237-2.5YU MICREL-MIC5237-2.5YU Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
More results

Similar Description - MIC5237

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
500 mA Low Dropout Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
Sep-2006
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
500 mA Low Dropout Voltage Regulator
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
LM2937 500 mA Low Dropout Regulator
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
500-mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com