Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF3DX2
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX2 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF3DX2 Datasheet HTML 1Page - NXP Semiconductors MF3DX2 Datasheet HTML 2Page - NXP Semiconductors MF3DX2 Datasheet HTML 3Page - NXP Semiconductors MF3DX2 Datasheet HTML 4Page - NXP Semiconductors MF3DX2 Datasheet HTML 5Page - NXP Semiconductors MF3DX2 Datasheet HTML 6Page - NXP Semiconductors MF3DX2 Datasheet HTML 7Page - NXP Semiconductors MF3DX2 Datasheet HTML 8Page - NXP Semiconductors MF3DX2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
3 / 27
2 Features and benefits
2.1 Features overview
2.1.1 RF interface: ISO/IEC 14443 Type A
• Contactless interface compliant with ISO/IEC 14443-2/3 A
• Low Hmin enabling operating distance up to 100 mm (depending on power provided by
the PCD and antenna geometry)
• Fast data transfer: 106 kbit/s, 212 kbit/s, 424 kbit/s, 848 kbit/s
• 7 bytes unique identifier (option for Random ID)
• Uses ISO/IEC 14443-4 transmission protocol
• Configurable FSCI to support up to 128 bytes (256 bytes for 16 and 32 kB) frame size
2.1.2 Non-volatile memory
• 2 kB, 4 kB, 8 kB, 16 kB or 32 kB NV
• Data retention of 25 years
• Write endurance typical 500 000 cycles
• Fast programming cycles (erase/write)
2.1.3 NV-memory organization
• Flexible file system: user can freely define application structures on PICC
• Virtually no limitation on number of applications per PICC (new)
• Up to 32 files in each application (6 file types available: Standard Data file, Back-up
Data file, Value file, Linear Record file, Cyclic Record file and Transaction MAC file)
• File size is determined during creation (not for Transaction MAC file)
2.1.4 Security
• Common Criteria certification: EAL5+ (Hardware and Software)
• Unique 7 bytes serial number for each device
• Optional "RANDOM" ID for enhance security and privacy
• Mutual three-pass authentication
• Mutual authentication according to ISO/IEC 7816-4
• Flexible key management: 1 card master key and up to 14 keys per application
• Hardware DES using 56/112/168 bit keys featuring key version
• Hardware AES using 128-bit keys featuring key version
• Data authenticity by 8 byte CMAC
• Data encryption on RF-channel
• Authentication on application level
• Hardware exception sensors
• Self-securing file system
• Backward compatibility to MF3ICD40: 4 byte MAC, CRC 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com