Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF3DX2
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF3DX2 Datasheet HTML 5Page - NXP Semiconductors MF3DX2 Datasheet HTML 6Page - NXP Semiconductors MF3DX2 Datasheet HTML 7Page - NXP Semiconductors MF3DX2 Datasheet HTML 8Page - NXP Semiconductors MF3DX2 Datasheet HTML 9Page - NXP Semiconductors MF3DX2 Datasheet HTML 10Page - NXP Semiconductors MF3DX2 Datasheet HTML 11Page - NXP Semiconductors MF3DX2 Datasheet HTML 12Page - NXP Semiconductors MF3DX2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
9 / 27
Type number
Package
Description
Version
MF3DA200DU15/02
FFC
12 inch wafer (sawn; 150 μm thickness)[1][2]; 32 K NV, 17 pF input
capacitance
-
MF3DH9200DU15/02 FFC
12 inch wafer (sawn; 150 μm thickness)[1][2]; 16 K NV, 70 pF input
capacitance
-
MF3DHA200DU15/02 FFC
12 inch wafer (sawn; 150 μm thickness)[1][2]; 32 K NV, 70 pF input
capacitance
-
MF3D9200DU75/02
FFC
12 inch wafer (sawn; 75 μm thickness)[1][2]; 16 K NV, 17 pF input
capacitance
-
MF3DA200DU75/02
FFC
12 inch wafer (sawn; 75 μm thickness)[1][2]; 32 K NV, 17 pF input
capacitance
-
MF3DH9200DU75/02 FFC
12 inch wafer (sawn; 75 μm thickness)[1][2]; 16 K NV, 70 pF input
capacitance
-
MF3DHA200DU75/02 FFC
12 inch wafer (sawn; 75 μm thickness)[1][2]; 32 K NV, 70 pF input
capacitance
-
MF3D9200DA4/02
MOB4
plastic leadless module carrier package; 16 K NV, 17 pF input
capacitance
SOT500-2
MF3DA200DA4/02
MOB4
plastic leadless module carrier package; 32 K NV, 17 pF input
capacitance
SOT500-2
MF3DH9200DA4/02
MOB4
plastic leadless module carrier package; 16 K NV, 70 pF input
capacitance
SOT500-2
MF3DHA200DA4/02
MOB4
plastic leadless module carrier package; 32 K NV, 70 pF input
capacitance
SOT500-2
MF3D9200DA6/02
MOB6
plastic leadless module carrier package; 16 K NV, 17 pF input
capacitance
SOT500-3
MF3DA200DA6/02
MOB6
plastic leadless module carrier package; 32 K NV, 17 pF input
capacitance
SOT500-3
MF3DH9200DA6/02
MOB6
plastic leadless module carrier package; 16 K NV, 70 pF input
capacitance
SOT500-3
MF3DHA200DA6/02
MOB6
plastic leadless module carrier package; 32 K NV, 70 pF input
capacitance
SOT500-3
[1]
Delivered on film frame carrier with electronic failed die marking according to SECSII format.
[2]
See [2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com