Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF3DX2
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF3DX2 Datasheet HTML 4Page - NXP Semiconductors MF3DX2 Datasheet HTML 5Page - NXP Semiconductors MF3DX2 Datasheet HTML 6Page - NXP Semiconductors MF3DX2 Datasheet HTML 7Page - NXP Semiconductors MF3DX2 Datasheet HTML 8Page - NXP Semiconductors MF3DX2 Datasheet HTML 9Page - NXP Semiconductors MF3DX2 Datasheet HTML 10Page - NXP Semiconductors MF3DX2 Datasheet HTML 11Page - NXP Semiconductors MF3DX2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
8 / 27
5 Ordering information
Table 3. Ordering information
Type number
Package
Description
Version
MF3D8201DUD/01
FFC
8 inch wafer (sawn; 120 μm thickness)[1][2]; 8 K NV, 17 pF input
capacitance
-
MF3D4201DUD/01
FFC
8 inch wafer (sawn; 120 μm thickness)[1][2]; 4 K NV, 17 pF input
capacitance
-
MF3D2201DUD/01
FFC
8 inch wafer (sawn; 120 μm thickness)[1][2]; 2 K NV, 17 pF input
capacitance
-
MF3DH8201DUD/01 FFC
8 inch wafer (sawn; 120 μm thickness)[1][2]; 8 K NV, 70 pF input
capacitance
-
MF3DH4201DUD/01 FFC
8 inch wafer (sawn; 120 μm thickness)[1][2]; 4 K NV, 70 pF input
capacitance
-
MF3DH2201DUD/01 FFC
8 inch wafer (sawn; 120 μm thickness)[1][2]; 2 K NV 70 pF input
capacitance
-
MF3D8201DUF/01
FFC
8 inch wafer (sawn; 75 μm thickness)[1][2]; 8 K NV, 17 pF input
capacitance
-
MF3D4201DUF/01
FFC
8 inch wafer (sawn; 75 μm thickness)[1][2]; 4 K NV, 17 pF input
capacitance
-
MF3D2201DUF/01
FFC
8 inch wafer (sawn; 75 μm thickness)[1][2]; 2 K NV, 17 pF input
capacitance
-
MF3DH8201DUF/01
FFC
8 inch wafer (sawn; 75 μm thickness)[1][2]; 8 K NV, 70 pF input
capacitance
-
MF3DH4201DUF/01
FFC
8 inch wafer (sawn; 75 μm thickness)[1][2]; 4 K NV, 70 pF input
capacitance
-
MF3DH2201DUF/01
FFC
8 inch wafer (sawn; 75 μm thickness)[1][2]; 2 K NV, 70 pF input
capacitance
-
MF3D8200DA4/01
MOA4
plastic leadless module carrier package; 8 K EE, 17 pF input capacitance SOT500-2
MF3D4200DA4/01
MOA4
plastic leadless module carrier package; 4 K EE, 17 pF input capacitance SOT500-2
MF3D2200DA4/01
MOA4
plastic leadless module carrier package; 2 K EE, 17 pF input capacitance SOT500-2
MF3DH8200DA4/01
MOA4
plastic leadless module carrier package; 8 K EE, 70 pF input capacitance SOT500-2
MF3DH4200DA4/01
MOA4
plastic leadless module carrier package; 4 K EE, 70 pF input capacitance SOT500-2
MF3DH2200DA4/01
MOA4
plastic leadless module carrier package; 2 K EE, 70 pF input capacitance SOT500-2
MF3D8200DA6/01
MOB6
plastic leadless module carrier package; 8 K EE, 17 pF input capacitance SOT500-3
MF3D4200DA6/01
MOB6
plastic leadless module carrier package; 4 K EE, 17 pF input capacitance SOT500-3
MF3D2200DA6/01
MOB6
plastic leadless module carrier package; 2 K EE, 17 pF input capacitance SOT500-3
MF3DH8200DA6/01
MOB6
plastic leadless module carrier package; 8 K EE, 70 pF input capacitance SOT500-3
MF3DH4200DA6/01
MOB6
plastic leadless module carrier package; 4 K EE, 70 pF input capacitance SOT500-3
MF3DH2200DA6/01
MOB6
plastic leadless module carrier package; 2 K EE, 70 pF input capacitance SOT500-3
MF3D9200DU15/02
FFC
12 inch wafer (sawn; 150 μm thickness)[1][2]; 16 K NV, 17 pF input
capacitance
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com