Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF3DX2
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX2 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF3DX2 Datasheet HTML 1Page - NXP Semiconductors MF3DX2 Datasheet HTML 2Page - NXP Semiconductors MF3DX2 Datasheet HTML 3Page - NXP Semiconductors MF3DX2 Datasheet HTML 4Page - NXP Semiconductors MF3DX2 Datasheet HTML 5Page - NXP Semiconductors MF3DX2 Datasheet HTML 6Page - NXP Semiconductors MF3DX2 Datasheet HTML 7Page - NXP Semiconductors MF3DX2 Datasheet HTML 8Page - NXP Semiconductors MF3DX2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
5 / 27
2.2 Summary of key differences between MIFARE DESFire generations
Table 1 shows the key differences between each product generation of the MIFARE
DESFire family.
Table 1. Key differences between MIFARE DESFire generations
Features
MIFARE DESFire D40
MIFARE DESFire EV1
MIFARE DESFire EV2
Cryptography scheme(s)
Single DES, 2KTDEA
Single DES, 2KTDEA,
3KTDEA, AES128
Single DES, 2KTDEA,
3KTDEA, AES128
Secure messaging(s)
D40 Native
D40 Native, EV1
D40 Native, EV1, EV2
No. of applications
28
28
No limit
No. of files per application
16
32
32
Max. no. of files with backup
8
32
32
ISO/IEC7816-4 commands
3
8
8 (refine)
Random ID
No
Yes
Yes
Configurable ATS
No
Yes, Historical bytes only
Yes, all parameters (FSCI
supporting up to 256 bytes)
Max. communication buffer
64 bytes
64 bytes
128 bytes (2/4/8kB) or 256
bytes (16/32kB)
Chaining during data transfer
Native (AFh)
Native (AFh)
Native (AFh) or ISO/
IEC14443-4
Multiple Key Sets with rolling
No
No
Yes
MIsmartApp (Delegated
Application Management)
No
No
Yes
Shared Application
Management
No
No
Yes
Multiple keys per access right No
No
Yes
UpdateRecord command
No
No
Yes
Transaction MAC
No
No
Yes
Virtual Card Architecture
No
No
Yes
Proximity Check
No
No
Yes
Originality Check
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com