Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV93LC46PC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AV93LC46PC
Description  1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AV93LC46PC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AV93LC46PC Datasheet HTML 1Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 2Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 3Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 4Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 5Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 6Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 7Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 8Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
@vic
AV93LC46
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
ORDERING INFORMATION
AV93LC46 XX
AV ----------AVIC Electronics CO.,LTD
LC ----------Operating Voltage : 2.7~5.5V, CMOS
46 ----------Type : 1K
XX --------- SC/PC/SI/PI/TC/TI
(S----SOP8; P----DIP8; T----TSSOP; C----0℃~+70℃; I---- -45℃~+80℃)
Block Diagram
Absolute Maximum Ratings
Storage Temperature…………………. –65℃ to +125℃
Voltage with Respect to Ground………-0.3 to +6.5 V
NOTE:These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere
may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias AV93LC46……………0℃ to +70℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com