Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV93LC46PC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AV93LC46PC
Description  1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AV93LC46PC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AV93LC46PC Datasheet HTML 1Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 2Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 3Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 4Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 5Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 6Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 7Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 8Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
@vic
AV93LC46
Copyright © Avic Electronics Corp.
1
Website: http://www.avictek.com
1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
Features
State-of-the-art architecture
-Non-volatile data storage
-Operating voltage Vcc : 2.7-5.5V
-Full TTL compatible inputs and outputs
-Auto increment read efficient data dump
Hardware and software write protection
-Defaults to write-disabled state at power up
-Software instructions for write-enable/disable
-Vcc level verification before self-timed
programming cycle
Advanced low voltage CMOS EEPROM technology
General Description
The AV93LC46 is a 1024-bit, non-volatile, serial EEPROM. It is manufactured by using advanced CMOS
EEPROM technology. The AV93C46 provides efficient non-volatile read/write memory arranged as 64
registers of 16 bits each. Seven 9-bit instructions control the operation of the device, which includes read,write
and write enable/disable functions. The data out pin (DO) indicates the status of the device during the self-timed
non-volatile programming cycle.
The self-timed write cycle includes an automatic erase-before write capability. Only when the chip is in the
WRITE ENABLE state and proper Vcc operation range is the WRITE instruction accepted and thus to protect
Against inadvertent writes, Data is written in 16 bits per write instruction into the selected register. If chip select
(CS) is brought HIGH after initiation of the write cycle, the data output (DO) pin will indicate the
READY/BUSY status of the chip.
The AV93C46 is available in space-saving 8-lead PDIP, 8-lead SOP and rotated 8-lead SOP package.
CONNECTION DIAGRAM
PIN ASSIGNMENT
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
VCC
Power Supply
NC
No Connection
Versatile, easy-to-use interface
-Self-timed programming cycle
-Automatic erase-bofore-write
-Programming status indicator
-Word and chip erasable
-Stop SK anytime for power savings
Durability and reliability
-40 year data retention
-Minimum of 1M write cycles
-Unlimited read cycles
-ESD protection


Similar Part No. - AV93LC46PC

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV9012 AVICTEK-AV9012 Datasheet
153Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV9012LT1 AVICTEK-AV9012LT1 Datasheet
42Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
AV9014 AVICTEK-AV9014 Datasheet
153Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
AV9018LT1 AVICTEK-AV9018LT1 Datasheet
40Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - AV93LC46PC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
logo
Anachip Corp
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
4096-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
16384-bits Serial Electrically Erasable PROM
Rev 0.1 Oct 20, 2003
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
2048-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com