Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV93LC46PC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AV93LC46PC
Description  1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AV93LC46PC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AV93LC46PC Datasheet HTML 1Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 2Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 3Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 4Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 5Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 6Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 7Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 8Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
@vic
AV93LC46
Copyright © Avic Electronics Corp.
6
Website: http://www.avictek.com
Functional Description (Continued)
Write (WRITE)
The WRITE instruction includes 16 bits of data to be written into the specified register . After the last bit
has been applied to DI, and before the next rising edge of SK, CS must be brought LOW. The falling edge
of CS initiates the selftimed programming cycle.
After a minimum wait of 250ns (5V operation) from the falling edge of CS (tcs), DO will indicate the
READY/BUSY status of the chip if CS is brought HIGH. This means that logical “0” implies the
programming is still in progress while logical “1” indicates the selected register has been written, and the
part is ready for another instruction.(See Figure 6.)
Note: The combination of CS HIGH, DI HIGH and the rising edge of the SK clock, resets the
READY/BUSY flag. Therefore, it is important if you want to access the READY/BUSY flag,not to reset it
through this combination of control signals.
Before a WRITE instruction can be executed, the device must be in the WRITE ENABLE (WEN) state.
Write All (WRALL)
The write All (WRALL) instruction programs all registers with the data pattern specified in the instruction.
While the WRALL instruction is being loaded, the address field becomes a sequence of DON’T-CARE
bits. (Shown in Figure 7.)
As with the WRITE instruction, if CS is brought HIGH after a minimum wait of of 250ns (tcs), the DO pin
indicates the READY/BUSY status of the chip. (Shown Figure 7.)
ERASE (ERASE)
After the erase instruction is entered, CS must be brought LOW. The falling edge of CS initiates the self-
timed internal programming cycle. Bringing CS HIGH after minimum of tcs, will cause DO to indicate the
READY/BUSY status of the chip. To explain this, a logical “0” indicates the programming is still in
progress while a logical “1” indicates the erase cycle is complete and the part is ready for another
instruction. (Shown in Figure 8.)
Erase All (ERALL)
Full chip erase is provided for ease of programming. Erasing the entire chip involves setting all the entire
memory array a logical “1”. (Shown in Figure 9.)
Security Consideration
To protect the entire part against accidental modification of data, each programming instruction (WRITE,
WRALL, ERASE, and ERALL) must satisfy two conditions before user initiate self-timed programming
cycle (the falling edge of CS). One is that the AV93LC46 is at WEN status. The other is that Vcc value
must exceed a lock-out value which can be adjusted by AVIC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com