Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV93LC46PC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AV93LC46PC
Description  1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AV93LC46PC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AV93LC46PC Datasheet HTML 1Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 2Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 3Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 4Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 5Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 6Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 7Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 8Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
@vic
AV93LC46
Copyright © Avic Electronics Corp.
4
Website: http://www.avictek.com
Instruction Set
Instruction
Start Bit
OP Code
Address
Input Data
READ
1
10
A5-A0
WEN(Write Enable)
1
00
11XXXX
WRITE
1
01
A5-A0
D15-D0*
WRALL (Write all Registers)
1
00
01XXXX
D15-D0*
WDS (Write Disable)
1
00
00XXXX
ERASE
1
11
A5-A0
ERAL (Erase All Registers)
1
00
10XXXX
* If input Data is not 16 bits exactly, the last 16 bits will be taken as input data ( a word )
Pin Capacitance ** (Ta=25℃, f=1MHz)
Symbol
Parameter
Max
Units
Cout
Output Capacitance
5
pF
CIN
Input Capacitance
5
pF
Note. ** The Parameter is Characterized and isn’t 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com