Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2989310 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2989310
Description  FL MGUARD RS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989310 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2989310 Datasheet HTML 1Page - PHOENIX CONTACT 2989310 Datasheet HTML 2Page - PHOENIX CONTACT 2989310 Datasheet HTML 3Page - PHOENIX CONTACT 2989310 Datasheet HTML 4Page - PHOENIX CONTACT 2989310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FL MGUARD RS Order No.: 2989310
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2989310
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Test standard
IEC 61000-4-3 (immunity to radiated interference)
Test result
10 V/m (80-2000 MHz)
Test standard
IEC 61000-4-4 (burst)
Test result
2 kV power line, 1kV data line
Test standard
IEC 61000-4-5 (surge)
Test result
power line: 2 kV (line/earth), 1 kV (line/line), 1kV data line
Test standard
IEC 61000-4-6 (immunity to conducted interference)
Test result
3 V(10 kHz-150 kHz), 10 V (150 kHz-80 MHz)
Security functions
Dynamic Host Configuration Protocol (DHCP)
support
Server or Relay Agent
Network Time Protocol (NTP) client
Client
Link Layer Discovery Protocol (LLDP)
As per protocol 802.2
Remote Syslog Logging
On externals server
Firewall data throughput
Up to 99 Mbps
Firewall rules
Configurable stateful inspection firewall
Filtering
MAC and IP addresses, ports, protocols
Protection against
IP spoofing, DoS and Syn Flood Protection
Routing
Standard routing, NAT, 1:1-NAT, port forwarding
Certificates / Approvals
Certification
CUL Listed, UL Listed
Accessories
Item
Designation
Description
Cable/conductor
2832250
FL CAT5 PATCH 0,3
Patch cable, CAT5, assembled, 0.3 m
2832263
FL CAT5 PATCH 0,5
Patch cable, CAT5, assembled, 0.5 m
2832276
FL CAT5 PATCH 1,0
Patch cable, CAT5, assembled, 1.0 m
2832221
FL CAT5 PATCH 1,5
Patch cable, CAT5, assembled, 1.5 m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com