Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2989310 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2989310
Description  FL MGUARD RS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989310 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2989310 Datasheet HTML 1Page - PHOENIX CONTACT 2989310 Datasheet HTML 2Page - PHOENIX CONTACT 2989310 Datasheet HTML 3Page - PHOENIX CONTACT 2989310 Datasheet HTML 4Page - PHOENIX CONTACT 2989310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FL MGUARD RS Order No.: 2989310
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2989310
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 4, 2011
2832629
FL CAT5 PATCH 10,0
Patch cable, CAT5, assembled, 10.0 m
2832289
FL CAT5 PATCH 2,0
Patch cable, CAT5, assembled, 2.0 m
2832292
FL CAT5 PATCH 3,0
Patch cable, CAT5, assembled, 3.0 m
2832580
FL CAT5 PATCH 5,0
Patch cable, CAT5, assembled, 5.0 m
2832616
FL CAT5 PATCH 7,5
Patch cable, CAT5, assembled, 7.5 m
2891369
FL CAT6 PATCH 12,5
Patch cable, CAT6, pre-assembled, 12.5 m
2891372
FL CAT6 PATCH 15,0
Patch cable, CAT6, pre-assembled, 15.0 m
2891576
FL CAT6 PATCH 20,0
Patch cable, CAT6, pre-assembled, 20.0 m
General
2744788
FL MC 10BASE-T/FO G850
Fiber optic converter, for converting 10Base-T to multimode glass
fiber, (850 nm), B-FOC (ST®) FO connection, supply 24 V DC
2891165
FL PF 2TX CAT5E
Patch field with two RJ45 CAT5e network connections
2891178
FL PF 8TX CAT5E
Patch field with eight RJ45 CAT5e network connections
2832991
FL RJ45 PROTECT CAP
Dust protection caps for RJ45 female connector
Plug/Adapter
2744571
FL PLUG RJ45 GN/2
RJ45 connector, shielded, with bend protection sleeve, 2 pieces,
green for crossed cables, for assembly on site. For connections
that are crossed, it is recommended that the connector set with
green bend protection sleeves is used.
2744856
FL PLUG RJ45 GR/2
RJ45 connector, shielded, with bend protection sleeve, 2 pieces,
gray for straight cables, for assembly on site. For connections that
are not crossed, it is recommended that you use the connector set
with gray bend protection sleeve.
Tools
2744869
FL CRIMPTOOL
Crimping pliers, for assembling the RJ45 connectors FL PLUG
RJ45..., for assembly on site



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com