Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2989310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2989310
Description  FL MGUARD RS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2989310 Datasheet HTML 1Page - PHOENIX CONTACT 2989310 Datasheet HTML 2Page - PHOENIX CONTACT 2989310 Datasheet HTML 3Page - PHOENIX CONTACT 2989310 Datasheet HTML 4Page - PHOENIX CONTACT 2989310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FL MGUARD RS Order No.: 2989310
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2989310
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Transmission speed
10/100 MBit/s
Transmission length
100 m (per segment)
Signal LEDs
Supply voltage, data transmission, error, link, activity
Interface
Potential-free signaling contact
Type of connection
Plug-in/screw connection via COMBICON
Function
Basic functions
Router with intelligent Firewall
Management
Web based management, SNMP or over V.24 (RS-232)
Supported browsers
HTTPS support required
Processor
533 MHz
Status and diagnostic indicators
LEDs:P1, P2, Fault, State, Error, LAN, WAN
Network expansion parameters
Maximum conductor length ((twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
9 V DC ... 36 V DC
Typical current consumption
170 mA
General data
Weight
250 g
Width
45 mm
Height
99 mm
Depth
112 mm
Degree of protection
IP20
Ambient temperature (operation)
0 °C ... 55 °C
Permissible humidity (operation)
10 % ... 95 % (no condensation)
Housing material
PA 6.6
Noise emission
EN 61000-6-4
Noise immunity
EN 61000-6-2:2005
Conformity with EMC directives
Developed in acc. with standard
IEC 61000-6.2
Test standard
IEC 61000-4-2 (ESD)
Test result
6 kV contact discharge, 8 kV air discharge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com