Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2989310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2989310
Description  FL MGUARD RS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2989310 Datasheet HTML 1Page - PHOENIX CONTACT 2989310 Datasheet HTML 2Page - PHOENIX CONTACT 2989310 Datasheet HTML 3Page - PHOENIX CONTACT 2989310 Datasheet HTML 4Page - PHOENIX CONTACT 2989310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FL MGUARD RS
Order No.: 2989310
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2989310
 
 
Router with intelligent Firewall, data throughput up to 99 Mbps (Wire
Speed Performance), Stateful Inspection Firewall for optimum safety
and extremely simple configuration, in the ME45 format
 
Commercial data
GTIN (EAN)
4
046356
298940
sales group
K006
Pack
1 pcs.
Customs tariff
85176200
Catalog page information
Page 174 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
11/27/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Interfaces
Interface
Ethernet
No. of ports
2
Type of connection
RJ45
Transmission physics
Ethernet in RJ45 twisted pair


Similar Part No. - 2989310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989307 PHOENIX-2989307 Datasheet
303Kb / 10P
Extension module - FL FXT
Dec 2, 2022
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
Web-based management, SNMP
2989365 PHOENIX-2989365 Datasheet
65Kb / 5P
Smart Managed Narrow NAT switch with eight 10/100 Mbps RJ45 ports and 1:1 NAT router function
More results

Similar Description - 2989310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702547 PHOENIX-2702547 Datasheet
48Kb / 3P
Security Appliance - FL MGUARD CENTERPORT
2700640 PHOENIX-2700640 Datasheet
63Kb / 4P
Router - FL MGUARD SMART2
2701278 PHOENIX-2701278 Datasheet
48Kb / 3P
Router - FL MGUARD PCIE4000 VPN
1153078 PHOENIX-1153078 Datasheet
90Kb / 8P
Router - FL MGUARD 1105
01/13/2022
1153079 PHOENIX-1153079 Datasheet
90Kb / 8P
Router - FL MGUARD 1102
01/13/2022
2700181 PHOENIX-2700181 Datasheet
88Kb / 4P
FL MGUARD SMART/533 VPN
Feb 4, 2011
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
Router - FL MGUARD GT/GT
09/03/2014
2700639 PHOENIX-2700639 Datasheet
100Kb / 10P
Router - FL MGUARD SMART2 VPN
09/12/2020
2989611 PHOENIX-2989611 Datasheet
88Kb / 8P
Router - FL MGUARD RS VPN
11.07.2013
2989899 PHOENIX-2989899 Datasheet
113Kb / 5P
FL MGUARD RS-B
Feb 4, 2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com