Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1658C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1658C/D
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1658C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Applications Information
Output Capacitor Selection and Stability
To maintain stability, connect a ≥10μF capacitor with less
than 200mΩ equivalent series resistance (ESR) from
OUT to GND. Larger output capacitors improve load-
transient response. Currents lower than 350mA make the
use of smaller output capacitors possible. Table 1 shows
the maximum output current typically achieved using
various output capacitors. Output voltages higher than
3.3V require less output capacitance to remain stable.
Input Bypass Capacitor
The use of a 0.1μF to 10μF input bypass capacitor is
recommended. Larger capacitors provide better supply
noise rejection and line-transient response, as well as
improved performance when the supply has a high AC
impedance. Polarized input bypass capacitors become
damaged under reverse-battery conditions. If reverse
input voltages are expected, use a nonpolarized capacitor
at the input.
Noise and PSRR
The MAX1658/MAX1659 exhibit 2.5mVp-p of noise during
normal operation. This noise level is negligible in most
applications.
The MAX1658/MAX1659 are designed to maintain
excellent power-supply rejection (55dB) at 50Hz/60Hz
(or 50dB at 120Hz). These regulators are ideal for wall-
cube applications that may contain significant ripple.
Larger input and output capacitors further improve the
circuit’s AC response. See the Power-Supply Rejection
Ratio vs. Frequency graphs in the Typical Operating
Characteristics.
Table 1. Typical Load Current Capabilities
OUTPUT CAPACITOR
LOAD CURRENT RANGE
2.2μF tantalum
0mA to 120mA
4.7μF tantalum
0mA to 250mA
10μF tantalum
0mA to 350mA
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 SO
S8+10F
21-0041
90-0096
MAX1658/MAX1659
350mA, 16.5V Input,
Low-Dropout Linear Regulators
www.maximintegrated.com
Maxim Integrated │ 9
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
Chip Information
TRANSISTOR COUNT: 207



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com