Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1658C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1658C/D
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1658C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); SHDN = IN; SET = GND; CIN = 0.1μF; COUT = 10μF tantalum; TA = +25°C; unless
otherwise noted.)
0
20
40
60
80
0
3
6
9
15
12
18
MAX1658
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IL = 100mA
IL = 0mA
VOUT = 3.3V
0
40
80
100
20
60
120
140
0
100
200
300
400
50
150
250
350
QUIESCENT CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
500
1000
1500
2000
0
3
6
9
12
15
DROPOUT VOLTAGE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
IL = 350mA
0
200
400
600
100
300
500
700
800
0
100
200
300
400
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 5.0V
VOUT = 3.3V
B
A
100µs/div
MAX1658
LINE-TRANSIENT RESPONSE
MAX1658/59 toc11
A: INPUT VOLTAGE (1V/div), VIN = 6V (HIGH), VIN = 5V (LOW)
B: OUTPUT VOLTAGE (100mV/div)
VOUT = 3.3V
B
A
MAX1659
LINE-TRANSIENT RESPONSE
MAX1658/59 toc10
A: INPUT VOLTAGE (1V/div), VIN = 7V (HIGH), VIN = 6V (LOW)
B: OUTPUT VOLTAGE (100mV/div)
100µs/div
VOUT = 5.0V
0.990
0.994
0.992
0.996
0.998
1.000
0
100
200
300
400
NORMALIZED OUTPUT VOLTAGE
vs. LOAD CURRENT
OUTPUT CURRENT (mA)
3.3V OUTPUT
5V OUTPUT
B
A
VOUT = 3.3V
MAX1658
LOAD-TRANSIENT RESPONSE
MAX1658/59 toc13
A: OUTPUT VOLTAGE (100mV/div)
B: IOUT = 300mA (HIGH), IOUT = 40mA (LOW)
200µs/div
B
A
VOUT = 5V
MAX1659
LOAD-TRANSIENT RESPONSE
MAX1658/59 toc12
A: OUTPUT VOLTAGE (100mV/div)
B: IOUT = 300mA (HIGH), IOUT = 40mA (LOW)
200µs/div
MAX1658/MAX1659
350mA, 16.5V Input,
Low-Dropout Linear Regulators
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com