Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1658C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1658C/D
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1658C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); COUT = 10μF; SHDN = IN; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
Note 3: Adjustable configuration only. VIN = 16.5V.
Note 4: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT + 2V.
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); SHDN = IN; SET = GND; CIN = 0.1μF; COUT = 10μF tantalum; TA = +25°C; unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SET INPUT
SET Reference Voltage
VSET
IOUT = 10μA (Note 3)
1.174
1.210
1.246
V
SET Input Leakage Current
ISET
TA = +25°C (Note 3)
0.01
0.025
μA
TA = +85°C (Note 3)
0.1
THERMAL PROTECTION
Thermal Shutdown Temperature
TSD
165
°C
Thermal Shutdown Hysteresis
ΔTSD
10
°C
-8
-72
10
1000
10k
100
100k
MAX1659
POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
-56
-64
FREQUENCY (Hz)
-48
-32
-40
-24
-16
VIN = 6.15V TO 6.4V
VOUT = 5V
-10
-90
10
1000
10k
100
100k
MAX1658
POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
-70
-80
FREQUENCY (Hz)
-60
-40
-50
-30
-20
VIN = 5.2V TO 5.4V
VOUT = 3.3V
MAX1658/MAX1659
350mA, 16.5V Input,
Low-Dropout Linear Regulators
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com