Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1658C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1658C/D
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1658C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IN to GND...............................................................-17V to +17V
Continuous Output Current ..............................................500mA
Output Short-Circuit Duration........................................... Infinite
SET, SHDN to GND ...............................................-17V to +17V
OUT to GND.............................................. -0.3V to (VIN + 0.3V)
Continuous Power Dissipation (Note 1)
SO (derate 14.5mW/°C above +70°C) ............................1.2W
Operating Temperature Range
MAX1658ESA/MAX1659ESA......................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature Range (soldering, 10sec)..................+300°C
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); COUT = 10μF; SHDN = IN; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Note 1: See Operating Region and Power Dissipation section.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
SET = OUT
2.7
16.5
V
Output Voltage
VOUT
SET = GND,
0mA < ILOAD < 350mA
MAX1658,
5V ≤ VIN ≤ 16.5V
3.20
3.30
3.40
V
MAX1659,
6V ≤ VIN ≤ 16.5V
4.85
5.00
5.15
Regulated Output Voltage Range
(Note 3)
1.25
16
V
Maximum Output Current
IOUT(MAX)
350
mA
Current Limit
ILIM
900
mA
Supply Current
IQ
30
60
μA
Dropout Voltage (Note 4)
ΔVDO
IOUT = 1mA
2
mV
IOUT = 350mA
MAX1658
650
1500
MAX1659
490
875
Line Regulation
ΔVLNR
MAX1658, VIN = 5V to 16.5V
0.03
%/V
MAX1659, VIN = 6V to 16.5V
0.05
Load Regulation
ΔVLDR IOUT = 0mA to 350mA
0.003
%/mA
Startup Overshoot
VOSH
0
%VOUT
Output Noise
en
10Hz to 100kHz
2.5
mVP-P
SHUTDOWN
Logic-Low Input
VINLSHDN 2.7V ≤ VIN ≤ 16.5V
0.4
V
Logic-High Input Threshold
VINHSHDN 2.7V ≤ VIN ≤ 16.5V
2.0
V
Shutdown Input Bias Current
ISHDN
SHDN = GND or SHDN = IN
0.1
μA
Shutdown Supply Current
IQSHDN SHDN ≤ 0.4V
0.1
1
μA
Shutdown Exit Time
tSTART VOUT = 5.0V
120
μs
MAX1658/MAX1659
350mA, 16.5V Input,
Low-Dropout Linear Regulators
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com