Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 5 Page - Analog Devices

  LTC4367 Datasheet HTML 1Page - Analog Devices LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC7000A
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VSNS+ = 10V, VCC = VBST = 10V, VTS = GND = 0V,
unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Gate Driver (TG)
TG Pull-Up Resistance
VIN = VBST = 12V
l
2.2
7
Ω
TG Pull-Down Resistance
VIN = VBST = 12V
l
1
4
Ω
tr
Output Rise Time
10% to 90%, CL = 1nF
10% to 90%, CL = 10nF
13
90
ns
ns
tf
Output Fall Time
10% to 90%, CL = 1nF
10% to 90%, CL = 10nF
13
40
ns
ns
tPLH
tPHL
Input to Output Propagation Delay
VINP Rising, CL = 1nF
VINP Falling, CL = 1nF
l
l
35
35
70
70
ns
ns
Operation
VIH
VIL
Input Threshold Voltages
VINP Rising
VINP Falling
Hysteresis
l
l
1.7
1.3
2
1.6
400
2.2
1.8
V
V
mV
Input Pull-Down Resistance
VINP = 1V
1
MΩ
RUN and OVLO Pin Threshold Voltages
Rising
Falling
Hysteresis
1.16
1.05
1.21
1.10
110
1.26
1.15
V
V
mV
RUN and OVLO Leakage Current
VRUN = 1.3V, VOVLO = 1.3V
l
–100
0
100
nA
TIMER Threshold Voltage
VTIMER Rising to VFAULT Going Low
1.25
1.3
1.35
V
TIMER Early Warning Voltage
VFAULT Going Low to (TG-TS) Going Low
75
100
125
mV
TIMER Pin Fault Pull-Up Current
VTIMER = 1.0V, ISET = OPEN
l
–115
–100
–80
µA
TIMER Pin Pull-Down Current
VTIMER = 0.6V ISET = OPEN
ΔVSNS = 0mV
2.0
2.5
3.0
µA
FAULT Output Low Voltage
IFAULT = 1mA
l
0.2
0.5
V
FAULT Leakage Current
VFAULT = 5V
l
–100
0
100
nA
ΔVTH
Current Sense Threshold Voltage
ΔVSNS = (VSNS+ – VSNS–)
ISET = OPEN or LTC7000A-1
VISET = 1.2V (LTC7000A Only)
VISET = 0V (LTC7000A Only)
l
22
54
15
30
60
20
36
64
24
mV
D
Retry Duty Cycle
ΔVSNS = 200mV
CTIMER = 1nF
l
0.06
0.1
%
ISET (LTC7000A Only) and VCCUV Pull-Up Current
VISET = 1.0V, VCCUV = 1.0V
–11.3
–10
–8.7
µA
IMON Output Voltage (LTC7000A Only)
ΔVSNS = 60mV, VTIMER = 0V, VINP = 3.5V
ΔVSNS = 30mV, VTIMER = 0V, VINP = 3.5V
ΔVSNS = 0mV, VTIMER = 0V, VINP = 3.5V
l
1.12
0.52
1.2
0.6
0
1.28
0.68
0.1
V
V
V
Over-Current to TG Low Propagation Delay
ΔVSNS Step 10mV to 50mV, ISET = OPEN,
VTIMER = VCC, VINP = 3.5V
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com