Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices LTC4367 Datasheet HTML 18Page - Analog Devices LTC4367 Datasheet HTML 19Page - Analog Devices LTC4367 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTC7000A
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Cooldown Period and Restart
As soon as TIMER reaches 1.4V, TGDN is pulled to TS in an
overcurrent fault condition and the TIMER pin starts dis-
charging with a 2.5µA current. When TIMER reaches 0.4V,
TIMER charges with a 2.5µA current. When TIMER reaches
1.4V, it starts discharging again with a 2.5µA current. This
pattern repeats 32 times to form a long cooldown timer
period (TCOOL_DOWN) before retry (Figure 5).
If INP is cycled low, TGDN will be pulled to TS and TIMER
will be pulled low with an internal 100kΩ resistor. If INP is
cycled low during the cooldown period, the timer counter
will be reset. If INP then goes high, TGUP will pulled to
BST and the fault timer will be reactivated with the TIMER
voltage starting from it’s current value.
At the end of the cooldown period (when TIMER drops
below 0.4V for the 32nd time), the LTC7000A/LTC7000A-1
retries, pulling TGUP to BST and turning on the external
MOSFET. The FAULT pin will then go to a high impedance
state. The total cooldown timer period is given by:
TCOOL_DOWN =
63 • 1.0V • CTIMER
2.5µA
The retry duty cycle in percent is to a first order indepen-
dent of CT and is defined by:
D
=
100 • TOVER_CURRENT
TOVER_CURRENT + TCOOL_DOWN
To defeat the automatic retry, place a 100kΩ resistor in
parallel with the TIMER capacitor. Note that the time to
turn off from an overcurrent fault will be increased by 7%
and the FAULT pin will remain low indicating a fault has
occurred. To get the LTC7000A/LTC7000A-1 to retry and
to clear the fault flag the INP signal needs to cycle low
then back high.
Typical turn-off times and cooldown periods for some
standard value timer capacitors are shown Table 1:
Table 1. Fault Time for Typical Capacitors
CTIMER
(nF)
TOVER_CURRENT
(µs)
TCOOL_DOWN
(s)
Retry Duty Cycle
%
<0.1
~3
0.0005
~0.6
1
16
0.025
0.06
10
142
0.250
0.06
100
1402
2.500
0.06
COOLDOWN PERIOD (TCOOL_DOWN)
7000A F05
TIMER
∆VSNS
V(TG-TS)
(TGUP SHORTED TO TGDN)
FAULT
>30mV
<30mV
0.4V
1ST
2ND
31ST
32ND
INP
1.30V
1.40V
Figure 5. Auto Retry Cool-Down Timer Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com