Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices LTC4367 Datasheet HTML 18Page - Analog Devices LTC4367 Datasheet HTML 19Page - Analog Devices LTC4367 Datasheet HTML 20Page - Analog Devices LTC4367 Datasheet HTML 21Page - Analog Devices LTC4367 Datasheet HTML 22Page - Analog Devices LTC4367 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTC7000A
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
of 0.1µF for CB will be sufficient. However, the following
relationship for CB should be maintained:
CB >
External MOSFET QG
1V
The internal charge pump that charges the BST-TS supply
outputs approximately 30µA to the BST pin. If the time
to charge the external bootstrapped capacitor, CB from
initial power-up with the internal charge pump is not suf-
ficient for the application, a low reverse leakage external
silicon diode, D1, with a reverse voltage rating greater
than VIN connected between VCC and BST should be used
as shown in Figure 10. An external silicon diode between
VCC and BST should be used if the following relationship
cannot be met:
BST diode required if
power-up to INP going high < CB •12V
30µA
≅ 40ms
Figure 10. External BST Diode
7000A F10
D1
CB
LTC7000A/
LTC7000A-1
BST
TS
VCC
Another reason to use an external silicon diode between
VCC and BST is if the external MOSFET is switched at a
frequency so high that the BST-TS supply collapses. An
external silicon diode between VCC and BST should be
used if the following relationship cannot be met:
BST diode required
if switching frequency >
30µA
2 •MOSFET QG
≅ 500Hz
A Schottky diode should not be used between VCC and
BST, as the reverse leakage of the Schottky diode at hot
will be more current than the charge pump can overcome.
Some example silicon diodes with low leakage include:
• MMBD1501A - Fairchild Semiconductor
• CMPD3003 - Central Semiconductor
VCC Generation
The VCC pin provides the power for the MOSFET gate
drivers and internal circuitry. The LTC7000A/LTC7000A-1
features an internal P-channel low dropout regulator
(LDO) that can supply power at VCC from the VIN supply
pin or VCC can be driven from an external power supply.
If the internal P-channel LDO is used to power VCC, it
must have a minimum 1.0µF low ESR ceramic capacitor
to ensure stability and should not be connected to any
other circuitry other than optionally biasing some pins
on the LTC7000A/LTC7000A-1 (FAULT, INP or TIMER).
If the internal P-channel LDO is used to power VCC and an
external silicon diode is used between VCC and BST, care
must be taken not to switch an external MOSFET at too
high a frequency that can collapse the internal LDO. The
internal LDO can only supply 1mA with a 200mV drop-out.
In order to keep the internal LDO supply from collapsing
when an external silicon diode is used from VCC to BST,
the following relationship should be maintained:
Maximum switching
frequency with internal LDO<
1mA
2 •MOSFET QG
≅ 20kHz
For higher gate charge applications, an external silicon
diode between VCC and BST should be used and VCC
can be driven from a high efficiency external supply. VCC
should never be driven higher than VIN or permanent
damage to the LTC7000A/LTC7000A-1 could occur.
VCC Undervoltage Comparator
The LTC7000A/LTC7000A-1 contains an adjustable
undervoltage lockout (UVLO) on the VCC voltage that
pulls TGDN to TS and can be easily programmed using a
resistor (RVCCUV) between the VCCUV pin and ground. The
voltage generated on VCCUV by RVCCUV and the internal
10µA current source set the VCC UVLO. The rising VCC
UVLO is internally limited within the range of 3.5V and
10.5V. If VCCUV is open the rising VCC UVLO is set internally
to 7.0V. The typical value of resistor for a particular rising
VCC UVLO can be selected using Figure 11 or the following
equation:
RVCCUV =
Rising VCC UVLO
70µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com