Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC7000A
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
TGUP (Pin 12/Pin 10): High Current Gate Driver
Pull-Up. This pin pulls up to BST. Tie this pin to TGDN
for maximum gate drive transition speed. A resistor
can be connected between this pin and the gate of the
external MOSFET to control the in-rush current during
turn-on. See Applications Information.
TS (Pin 13/Pin 11): Top (High Side) source connec-
tion or GND if used in ground referenced applications.
BST (Pin 14/Pin 12): High Side Bootstrapped Supply.
An external capacitor with a minimum value of 0.1µF
should be tied between this pin and TS. Voltage swing
on this pin is 12V to (VIN + 12V).
SNS– (Pin 15/Pin 14), SNS+ (Pin 16/Pin 16): Current
Sense Comparator Input. Place a sense resistor in series
with the drain of the external MOSFET to set the peak
current. The SNS– pin should be connected to the sense
resistor using a minimum 100Ω resistor. Use a Kelvin
connection from the SNS+ pin to the sense resistor. The
current comparator trip threshold voltage, ΔVTH is the
ISET voltage divided by 20. The trip threshold is inter-
nally clamped to a minimum of 20mV and a maximum
of 75mV. If ISET is open or greater than 2.0V, ΔVTH is set
internally to 30mV.
GND (Exposed Pad Pin 17): Ground. The exposed pad
must be soldered to the PCB for rated electrical and ther-
mal performance.
(LTC7000A/LTC7000A-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com