Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630ADZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD630ADZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ADZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD630ADZ Datasheet HTML 2Page - Analog Devices AD630ADZ Datasheet HTML 3Page - Analog Devices AD630ADZ Datasheet HTML 4Page - Analog Devices AD630ADZ Datasheet HTML 5Page - Analog Devices AD630ADZ Datasheet HTML 6Page - Analog Devices AD630ADZ Datasheet HTML 7Page - Analog Devices AD630ADZ Datasheet HTML 8Page - Analog Devices AD630ADZ Datasheet HTML 9Page - Analog Devices AD630ADZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 6 of 20
Figure 4. 20-Lead PDIP Pin Configuration
Table 5. 20-Lead PDIP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RINA
2.5 kΩ Resistor to Noninverting Input of Op Amp A
2
CH A+
Noninverting Input of Op Amp A
3
DIFF OFF ADJ
Differential Offset Adjustment
4
DIFF OFF ADJ
Differential Offset Adjustment
5
CM OFF ADJ
Common-Mode Offset Adjustment
6
CM OFF ADJ
Common-Mode Offset Adjustment
7
CHANNEL STATUS B/A
B or A Channel Status
8
−VS
Negative Supply
9
SEL B
B Channel Comparator Input
10
SEL A
A Channel Comparator Input
11
+VS
Positive Supply
12
COMP
Pin to Connect Internal Compensation Capacitor
13
VOUT
Output Voltage
14
RB
10 kΩ Gain Setting Resistor
15
RF
10 kΩ Feedback Resistor
16
RA
5 kΩ Feedback Resistor
17
RINB
2.5 kΩ Resistor to Noninverting Input of Op Amp B
18
CH B+
Noninverting Input of Op Amp B
19
CH B−
Inverting Input of Op Amp B
20
CH A−
Inverting Input of Op Amp A
RINA
CH A+
DIFF OFF ADJ
DIFF OFF ADJ
CH A–
CH B–
CH B+
RINB
CM OFF ADJ
RA
CM OFF ADJ
RF
CHANNEL STATUS B/A
RB
–VS
VOUT
SEL B
COMP
SEL A
+VS
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
13
9
12
10
11
AD630
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com