Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630ADZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD630ADZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ADZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD630ADZ Datasheet HTML 12Page - Analog Devices AD630ADZ Datasheet HTML 13Page - Analog Devices AD630ADZ Datasheet HTML 14Page - Analog Devices AD630ADZ Datasheet HTML 15Page - Analog Devices AD630ADZ Datasheet HTML 16Page - Analog Devices AD630ADZ Datasheet HTML 17Page - Analog Devices AD630ADZ Datasheet HTML 18Page - Analog Devices AD630ADZ Datasheet HTML 19Page - Analog Devices AD630ADZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD630
Rev. G | Page 17 of 20
LVDT SIGNAL CONDITIONER
Many transducers function by modulating an ac carrier. A
linear variable differential transformer (LVDT) is a transducer
of this type. The amplitude of the output signal corresponds to
core displacement. Figure 31 shows an accurate synchronous
demodulation system, which can be used to produce a dc
voltage that corresponds to the LVDT core position. The
inherent precision and temperature stability of the AD630
reduce demodulator drift to a second-order effect.
Figure 31. LVDT Signal Conditioner
AC BRIDGE
Bridge circuits that use dc excitation are often plagued by
errors caused by thermocouple effects, 1/f noise, dc drifts in the
electronics, and line noise pick-up. One way to get around these
problems is to excite the bridge with an ac waveform, amplify
the bridge output with an ac amplifier, and synchronously
demodulate the resulting signal. The ac phase and amplitude
information from the bridge is recovered as a dc signal at the
output of the synchronous demodulator. The low frequency
system noise, dc drifts, and demodulator noise all get mixed to
the carrier frequency and can be removed by means of a low-
pass filter. Dynamic response of the bridge must be traded off
against the amount of attenuation required to adequately suppress
these residual carrier components in the selection of the filter.
Figure 33 is an example of an ac bridge system with the AD630
used as a synchronous demodulator. The bridge is excited by a
1 V 400 Hz excitation. Trace A in Figure 32 is the amplified bridge
signal. Trace B is the output of the synchronous demodulator
and Trace C is the filtered dc system output.
Figure 32. AC Bridge Waveforms (1 V Excitation)
Figure 33. AC Bridge System
A
B
10kΩ
10kΩ
5kΩ
2.5kΩ
2.5kΩ
C
100kΩ
D
1µF
AD630
±2 DEMODULATOR
AD711
FOLLOWER
B
PHASE
SHIFTER
A
E1000
SCHAEVITZ
LVDT
2.5kHz
2V p-p
SINUSOIDAL
EXCITATION
16
1
14
17
9
10
20
19
12
13
15
500µs/DIV
B. 200mV/DIV
C. 200mV/DIV
3
[T]
T
A. 200mV/DIV
AD8221
REF
+IN
–IN
49.9Ω
350Ω
350Ω
350Ω
350Ω
CH B–
SEL B
CH A–
SEL A
RA
RF RINA
RINB
–VS
+15V
VOUT
+VS
COMP
AD630AR
12
13
18
RB
14
10
17
16
15
19
20
911
–15V
4.99kΩ
4.99kΩ
4.99kΩ
2µF
2µF
2µF
A
C
B
1V
400Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com