Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630ADZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD630ADZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ADZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD630ADZ Datasheet HTML 8Page - Analog Devices AD630ADZ Datasheet HTML 9Page - Analog Devices AD630ADZ Datasheet HTML 10Page - Analog Devices AD630ADZ Datasheet HTML 11Page - Analog Devices AD630ADZ Datasheet HTML 12Page - Analog Devices AD630ADZ Datasheet HTML 13Page - Analog Devices AD630ADZ Datasheet HTML 14Page - Analog Devices AD630ADZ Datasheet HTML 15Page - Analog Devices AD630ADZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 12 of 20
THEORY OF OPERATION
TWO WAYS TO LOOK AT THE AD630
The functional block diagram of the AD630 (see Figure 1)
shows the pin connections of the internal functions. An
alternative architectural diagram is shown in Figure 20. In this
diagram, the individual A and B channel preamps, the switch,
and the integrator output amplifier are combined in a single op
amp. This amplifier has two differential input channels, only
one of which is active at a time.
Figure 20. Architectural Block Diagram
HOW THE AD630 WORKS
The basic mode of operation of the AD630 may be easier to
recognize as two fixed gain stages, which can be inserted into
the signal path under the control of a sensitive voltage comparator.
When the circuit is switched between inverting and noninverting
gain, it provides the basic modulation/demodulation function.
The AD630 is unique in that it includes laser wafer trimmed
thin-film feedback resistors on the monolithic chip. The
configuration shown in Figure 21 yields a gain of ±2 and can
be easily changed to ±1 by shifting RB from its ground connection
to the output.
The comparator selects one of the two input stages to complete
an operational feedback connection around the AD630. The
deselected input is off and has a negligible effect on operation.
Figure 21. AD630 Symmetric Gain (±2)
When Channel B is selected, the RA and RF resistors are
connected for inverting feedback as shown in the inverting gain
configuration diagram in Figure 22. The amplifier has sufficient
loop gain to minimize the loading effect of RB at the virtual
ground produced by the feedback connection. When the sign of
the comparator input is reversed, Input B is deselected and Input A
is selected. The new equivalent circuit is the noninverting gain
configuration shown in Figure 23. In this case, RA appears
across the op amp input terminals, but because the amplifier
drives this difference voltage to zero, the closed-loop gain is
unaffected.
The two closed-loop gain magnitudes are equal when RF/RA =
1 + RF/RB, which results from making RA equal to RFRB/(RF +
RB) the parallel equivalent resistance of RF and RB.
The 5 kΩ and the two 10 kΩ resistors on the AD630 chip can be
used to make a gain of 2 as shown in Figure 22 and Figure 23.
By paralleling the 10 kΩ resistors to make RF equal to 5 kΩ and
omitting RB, the circuit can be programmed for a gain of ±1 (as
shown in Figure 28). These and other configurations using the
on-chip resistors present the inverting inputs with a 2.5 kΩ
source impedance. The more complete AD630 diagrams show
2.5 kΩ resistors available at the noninverting inputs which can
be conveniently used to minimize errors resulting from input
bias currents.
Figure 22. Inverting Gain Configuration
Figure 23. Noninverting Gain Configuration
11
15
2
20
19
18
17
8
7
12
14
13
9
10
RA 5kΩ
2.5kΩ
RF
10kΩ
1
16
2.5kΩ
+VS
RB
10kΩ
SEL B
SEL A
CHANNEL STATUS B/A
A
B
–VS
A
B
RA
5kΩ
RF
10kΩ
VO
RB
10kΩ
Vi
2
20
19
18
13
15
16
14
9
10
RA
5kΩ
RF 10kΩ
RB
10kΩ
Vi
VO = –
RF
RA
Vi
RA
5kΩ
RF
10kΩ
RB
10kΩ
Vi
VO = (1+
RF
RB
) Vi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com