Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630ADZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD630ADZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ADZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD630ADZ Datasheet HTML 5Page - Analog Devices AD630ADZ Datasheet HTML 6Page - Analog Devices AD630ADZ Datasheet HTML 7Page - Analog Devices AD630ADZ Datasheet HTML 8Page - Analog Devices AD630ADZ Datasheet HTML 9Page - Analog Devices AD630ADZ Datasheet HTML 10Page - Analog Devices AD630ADZ Datasheet HTML 11Page - Analog Devices AD630ADZ Datasheet HTML 12Page - Analog Devices AD630ADZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD630
Rev. G | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Output Voltage vs. Frequency (See Figure 16)
Figure 8. Output Voltage vs. Resistive Load (See Figure 16)
Figure 9. Output Voltage Swing vs. Supply Voltage (See Figure 16)
Figure 10. Common-Mode Rejection vs. Frequency
Figure 11.
dt
dVO vs. Input Voltage
Figure 12. Gain and Phase vs. Frequency
FREQUENCY (Hz)
15
10
5
100k
1M
10k
1k
0
RL = 2kΩ
CL = 100pF
10
15
5
RESISTIVE LOAD (Ω)
0
100k
1M
10k
1k
100
10
1
CL = 100pF
f = 1kHz
10
18
5
0
5
10
15
20
SUPPLY VOLTAGE (±V)
15
f = 1kHz
CL = 100pF
0
100k
10k
1k
100
10
1
FREQUENCY (Hz)
120
60
0
100
80
40
20
INPUT VOLTAGE (V)
60
0
–60
–2
–3
–4
–5
–1
1
2
3
4
5
0
40
20
–40
–20
UNCOMPENSATED
COMPENSATED
FREQUENCY (Hz)
120
60
0
1M
100
100
80
20
40
10
1k
10k
UNCOMPENSATED
10M
0
45
90
135
180
COMPENSATED
1
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com