Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9161BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9161BBCZ Datasheet HTML 1Page - Analog Devices AD9161BBCZ Datasheet HTML 2Page - Analog Devices AD9161BBCZ Datasheet HTML 3Page - Analog Devices AD9161BBCZ Datasheet HTML 4Page - Analog Devices AD9161BBCZ Datasheet HTML 5Page - Analog Devices AD9161BBCZ Datasheet HTML 6Page - Analog Devices AD9161BBCZ Datasheet HTML 7Page - Analog Devices AD9161BBCZ Datasheet HTML 8Page - Analog Devices AD9161BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 5 of 144
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DVDD_1P2
1.14
1.2
1.326
V
PLL_LDO_VDD12
1.14
1.2
1.326
V
PLL_CLK_VDD12
Can connect to PLL_LDO_VDD12
1.14
1.2
1.326
V
SYNC_VDD_3P3
3.135
3.3
3.465
V
BIAS_VDD_1P2
Can connect to VDD_1P2
1.14
1.2
1.326
V
1
VDDx is VDD12_CLK, DVDD, VDD_1P2, DVDD_1P2, and PLL_LDO_VDD12. Any clock speed over 5.1 GSPS requires a maximum junction temperature of 105°C to avoid
damage to the device. See Table 11 for details on maximum junction temperature permitted for certain clock speeds.
2
See Table 2 for the complete details on the guaranteed speed performance.
3
FIR85 is the finite impulse response filter with 85 dB digital attenuation that implements 2× NRZ mode.
4
The adjusted DAC update rate is calculated as fDAC divided by the minimum required interpolation factor. For the AD9162, the minimum interpolation factor is 1.
Therefore, with fDAC = 6 GSPS, fDAC adjusted = 6 GSPS. For the AD9161, the minimum interpolation is 2×. Therefore, with fDAC = 6 GSPS, fDAC adjusted = 3 GSPS. When
FIR85 is enabled, which puts the device into 2× NRZ mode, fDAC = 2 × (DAC clock input frequency), and the minimum interpolation increases to 2× (interpolation
value). Thus, for the AD9162, with FIR85 enabled and DAC clock = 6 GSPS, fDAC = 12 GSPS, minimum interpolation = 2×, and the adjusted DAC update rate = 6 GSPS.
5
See the Clock Input section for more details.
6
For the lowest noise performance, use a separate power supply filter network for the VDD12_CLK and the VDD12A pins.
7
IOVDD can range from 1.8 V to 3.3 V, with ±5% tolerance.
DAC INPUT CLOCK OVERCLOCKING SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Maximum guaranteed speed using the temperatures and voltages conditions as shown in Table 2, where VDDx is VDD12_CLK, DVDD,
VDD_1P2, DVDD_1P2, and PLL_LDO_VDD12. Any DAC clock speed over 5.1 GSPS requires a maximum junction temperature of
105°C to avoid damage to the device. See Table 11 for details on maximum junction temperature permitted for certain clock speeds.
Table 2.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM DAC UPDATE RATE
VDDx = 1.2 V ± 5%
TJMAX = 25°C
6.0
GSPS
TJMAX = 85°C
5.6
GSPS
TJMAX = 105°C
5.4
GSPS
VDDx = 1.2 V ± 2%
TJMAX = 25°C
6.1
GSPS
TJMAX = 85°C
5.8
GSPS
TJMAX = 105°C
5.6
GSPS
VDDx = 1.3 V ± 2%
TJMAX = 25°C
6.4
GSPS
TJMAX = 85°C
6.2
GSPS
TJMAX = 105°C
6.0
GSPS
1
TJMAX is the maximum junction temperature.
POWER SUPPLY DC SPECIFICATIONS
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. FIR85 is the finite impulse response with 85 dB digital attenuation.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
8 LANES, 2× INTERPOLATION (80%), 3 GSPS
Numerically controlled oscillator (NCO) on,
FIR85 on
Analog Supply Currents
VDD25_DAC = 2.5 V
93.8
100
mA
VDD12A = 1.2 V
3.7
150
µA
VDD12_CLK = 1.2 V
229
279
mA
VNEG_N1P2 = −1.2 V
−119
−112
mA
Digital Supply Currents
DVDD = 1.2 V
Includes VDD12_DCD/DLL
621.3
971
mA
IOVDD1 = 2.5 V
2.5
2.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com