Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9161BBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 79Page - Analog Devices AD9161BBCZ Datasheet HTML 80Page - Analog Devices AD9161BBCZ Datasheet HTML 81Page - Analog Devices AD9161BBCZ Datasheet HTML 82Page - Analog Devices AD9161BBCZ Datasheet HTML 83Page - Analog Devices AD9161BBCZ Datasheet HTML 84Page - Analog Devices AD9161BBCZ Datasheet HTML 85Page - Analog Devices AD9161BBCZ Datasheet HTML 86Page - Analog Devices AD9161BBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 83 of 144
R/W
Register
Value
Description
W
0x111
Configure the datapath options for Bit 7 (INVSINC_EN), Bit 6 (NCO_EN), Bit 4 (FILT_BW), Bit 2
(MODULUS_EN), Bit 1 (SEL_SIDEBAND), and Bit 0 (FIR85_FILT_EN). See the Register Summary section for
details on the options. Set the reserved bits (Bit 5 and Bit 3) to 0b0.
W
0x230
Configure the CDR block according to Table 20 for both half rate enable and the divider.
W
0x289,
Bits[1:0]
Set up the SERDES PLL divider based on the conditions shown in Table 19.
W
0x084,
Bits[5:4]
Set up the PLL reference clock rate based on the conditions shown in Table 19.
W
0x200
0x00
Enable JESD204B block (disable master SERDES power-down).
W
0x475
0x09
Soft reset the JESD204B quad-byte deframer.
W
0x453, Bit 7
0b1
(Optional) Enable scrambling on SERDES lanes.
W
0x458,
Bits[7:5]
Set the subclass type: 0b000 = Subclass 0, 0b001 = Subclass 1.
W
0x459,
Bits[7:5]
0b1
Set the JESD204x version to JESD204B.
W
0x45D
Program the calculated checksum value for Lane 0 from values in Register 0x450 to Register 0x45C.
W
0x475
0x01
Bring the JESD204B quad-byte deframer out of reset.
W
0x201,
Bits[7:0]
Set any bits to 1 to power down the appropriate physical lane.
W
0x2A7
0x01
(Optional) Calibrate SERDES PHY Termination Block 1 (PHY 0, PHY 1, PHY 6, PHY 7).
W
0x2AE
0x01
(Optional) Calibrate SERDES PHY Termination Block 2 (PHY 2, PHY 3, PHY 4, PHY 5).
W
0x29E
0x1F
Override defaults in the SERDES PLL settings (private).
W
0x206
0x00
Reset the CDR.
W
0x206
0x01
Enable the CDR.
W
0x280
0x01
Enable the SERDES PLL.
R
0x281, Bit 0
0b1
Read back Register 0x281 until Bit 0 = 1 to indicate the SERDES PLL is locked. Prior to enabling the links, be
sure that the JESD204B transmitter is enabled and ready to begin bringing up the link.
W
0x300
0x01
Enable SERDES links (begin bringing up the link).
R
0x470
0xFF
Read the CGS status for all lanes.
R
0x471
0xFF
Read the frame sync status for all lanes.
R
0x472
0xFF
Read the good checksum status for all lanes.
R
0x473
0xFF
Read the initial lane sync status for all lanes.
W
0x024
0x1F
Clear the interrupts.
W
0x4BA
0xFF
Clear the SERDES interrupts.
W
0x4BB
0x01
Clear the SERDES interrupt.
Table 44. Configure NCO Sequence
R/W
Register
Value
Description
W
0x110
0x80
(Optional) Perform this write if NCO only mode is desired (AD9162 only).
W
0x111, Bit 6
0b1
Configure NCO_EN (Bit 6) = 0b1. Configure other datapath options for Bit 7 (INVSINC_EN), Bit 4 (FILT_BW),
Bit 2 (MODULUS_EN), Bit 1 (SEL_SIDEBAND), and Bit 0 (FIR85_FILT_EN). See the Register Summary section
for details on the options. Set the reserved bits (Bit 5 and Bit 3) to 0b0.
W
0x150, Bit 1
Configure the DC_TEST_EN bit: 0b0 = NCO operation with data interface; 0b1 = NCO only mode (AD9162 only).
W
0x14E
Write the amplitude value for tone amplitude in NCO only mode, Bits [15:8] (AD9162 only).
W
0x14F
Write the amplitude value for tone amplitude in NCO only mode, Bits [7:0] (AD9162 only).
W
0x113
0x00
Ensure the frequency tuning word write request is low.
W
0x119
Write FTW, Bits[47:40].
W
0x118
Write FTW, Bits[39:32].
W
0x117
Write FTW, Bits[31:24].
W
0x116
Write FTW, Bits[23:16].
W
0x115
Write FTW, Bits[15:8].
W
0x114
Write FTW, Bits[7:0].
W
0x113
0x01
Load the FTW to the NCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com