Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9161BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 3Page - Analog Devices AD9161BBCZ Datasheet HTML 4Page - Analog Devices AD9161BBCZ Datasheet HTML 5Page - Analog Devices AD9161BBCZ Datasheet HTML 6Page - Analog Devices AD9161BBCZ Datasheet HTML 7Page - Analog Devices AD9161BBCZ Datasheet HTML 8Page - Analog Devices AD9161BBCZ Datasheet HTML 9Page - Analog Devices AD9161BBCZ Datasheet HTML 10Page - Analog Devices AD9161BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 7 of 144
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
8 LANES, 3× INTERPOLATION (80%), 4.5 GSPS
NCO on, FIR85 on
Analog Supply Currents
VDD25_DAC = 2.5 V
94
mA
VDD12A = 1.2 V
85
175
µA
VDD12_CLK = 1.2 V
314.3
mA
VNEG_N1P2 = −1.2 V
−112.1
mA
Digital Supply Currents
DVDD = 1.2 V
Includes VDD12_DCD/DLL
948.5
mA
IOVDD1 = 2.5 V
IOVDD = 2.5 V
2.5
mA
SERDES Supply Currents
VDD_1P2 = 1.2 V
Includes VTT_1P2, BIAS_VDD_1P2
432.3
mA
DVDD_1P2 = 1.2 V
62.3
mA
PLL_LDO_VDD12 = 1.2 V
Connected to PLL_CLK_VDD12
84.7
mA
SYNC_VDD_3P3 = 3.3 V
9.2
mA
POWER DISSIPATION
3 GSPS
NRZ Mode, 2×, FIR85 Enabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.1
W
2× NRZ Mode, 6×, FIR85 Enabled, NCO On
Using 80%, 3× filter, eight-lane JESD204B
2.1
W
2× NRZ Mode, 4×, FIR85 Enabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.1
W
2× NRZ Mode, 1×, FIR85 Enabled, NCO On
1× bypass mode (AD9162 only), eight-lane
JESD204B
1.94
W
NRZ Mode, 24×, FIR85 Disabled, NCO On
Using 80%, 2× filter, one-lane JESD204B
1.3
W
5 GSPS
NCO Mode, FIR85 Disabled, NCO On
1.3
1.83
W
NRZ Mode, 4×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.3
W
2× NRZ Mode, 4x, FIR85 Enabled, NCO Off
Using 80%, 2× filter, eight-lane JESD204B
2.35
W
2× NRZ Mode, 4×, FIR85 Enabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.58
W
NRZ Mode, 8×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.18
W
NRZ Mode, 16×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.09
W
2× NRZ Mode, 6×, FIR85 Enabled, NCO On
Using 80%, 3× filter, eight-lane JESD204B
2.65
W
NRZ Mode, 3×, FIR85 Disabled, NCO On (4.5 GSPS)
Using 80%, 3× filter, six-lane JESD204B
2.62
W
1
IOVDD can range from 1.8 V to 3.3 V, with ±5% tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com