Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9161BBCZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 82Page - Analog Devices AD9161BBCZ Datasheet HTML 83Page - Analog Devices AD9161BBCZ Datasheet HTML 84Page - Analog Devices AD9161BBCZ Datasheet HTML 85Page - Analog Devices AD9161BBCZ Datasheet HTML 86Page - Analog Devices AD9161BBCZ Datasheet HTML 87Page - Analog Devices AD9161BBCZ Datasheet HTML 88Page - Analog Devices AD9161BBCZ Datasheet HTML 89Page - Analog Devices AD9161BBCZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 86 of 144
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x250
EQ_CONFIG_PHY_
0_1
[7:0]
SPI_EQ_CONFIG1
SPI_EQ_CONFIG0
0x88 R/W
0x251
EQ_CONFIG_PHY_
2_3
[7:0]
SPI_EQ_CONFIG3
SPI_EQ_CONFIG2
0x88 R/W
0x252
EQ_CONFIG_PHY_
4_5
[7:0]
SPI_EQ_CONFIG5
SPI_EQ_CONFIG4
0x88 R/W
0x253
EQ_CONFIG_PHY_
6_7
[7:0]
SPI_EQ_CONFIG7
SPI_EQ_CONFIG6
0x88 R/W
0x268
EQ_BIAS_REG
[7:0]
EQ_POWER_MODE
RESERVED
0x62 R/W
0x280
SYNTH_ENABLE_
CNTRL
[7:0]
RESERVED
SPI_RECAL_
SYNTH
RESERVED
SPI_ENABLE_
SYNTH
0x00 R/W
0x281
PLL_STATUS
[7:0]
RESERVED
SPI_CP_
OVER_
RANGE_
HIGH_RB
SPI_CP_
OVER_
RANGE_
LOW_RB
SPI_CP_
CAL_VALID_
RB
RESERVED
SPI_PLL_LOCK_RB 0x00 R
0x289
REF_CLK_
DIVIDER_LDO
[7:0]
RESERVED
SERDES_PLL_DIV_FACTOR
0x04 R/W
0x2A7
TERM_BLK1_
CTRLREG0
[7:0]
RESERVED
SPI_I_TUNE_R_
CAL_TERMBLK1
0x00 R/W
0x2A8
TERM_BLK1_
CTRLREG1
[7:0]
SPI_I_SERIALIZER_RTRIM_TERMBLK1
0x00 R/W
0x2AC
TERM_BLK1_RD_
REG0
[7:0]
RESERVED
SPI_O_RCAL_CODE_TERMBLK1
0x00 R
0x2AE
TERM_BLK2_
CTRLREG0
[7:0]
RESERVED
SPI_I_TUNE_R_
CAL_TERMBLK2
0x00 R/W
0x2AF
TERM_BLK2_
CTRLREG1
[7:0]
SPI_I_SERIALIZER_RTRIM_TERMBLK2
0x00 R/W
0x2B3
TERM_BLK2_RD_
REG0
[7:0] RESERVED
SPI_O_RCAL_CODE_TERMBLK2
0x00 R
0x2BB
TERM_OFFSET_0
[7:0]
RESERVED
TERM_OFFSET_0
0x00 R/W
0x2BC
TERM_OFFSET_1
[7:0]
RESERVED
TERM_OFFSET_1
0x00 R/W
0x2BD
TERM_OFFSET_2
[7:0]
RESERVED
TERM_OFFSET_2
0x00 R/W
0x2BE
TERM_OFFSET_3
[7:0]
RESERVED
TERM_OFFSET_3
0x00 R/W
0x2BF
TERM_OFFSET_4
[7:0]
RESERVED
TERM_OFFSET_4
0x00 R/W
0x2C0
TERM_OFFSET_5
[7:0]
RESERVED
TERM_OFFSET_5
0x00 R/W
0x2C1
TERM_OFFSET_6
[7:0]
RESERVED
TERM_OFFSET_6
0x00 R/W
0x2C2
TERM_OFFSET_7
[7:0]
RESERVED
TERM_OFFSET_7
0x00 R/W
0x300
GENERAL_JRX_
CTRL_0
[7:0] RESERVED
CHECKSUM_
MODE
RESERVED
LINK_EN
0x00 R/W
0x302
DYN_LINK_
LATENCY_0
[7:0]
RESERVED
DYN_LINK_LATENCY_0
0x00 R
0x304
LMFC_DELAY_0
[7:0]
RESERVED
LMFC_DELAY_0
0x00 R/W
0x306
LMFC_VAR_0
[7:0]
RESERVED
LMFC_VAR_0
0x1F R/W
0x308
XBAR_LN_0_1
[7:0]
RESERVED
SRC_LANE1
SRC_LANE0
0x08 R/W
0x309
XBAR_LN_2_3
[7:0]
RESERVED
SRC_LANE3
SRC_LANE2
0x1A R/W
0x30A
XBAR_LN_4_5
[7:0]
RESERVED
SRC_LANE5
SRC_LANE4
0x2C R/W
0x30B
XBAR_LN_6_7
[7:0]
RESERVED
SRC_LANE7
SRC_LANE6
0x3E R/W
0x30C
FIFO_STATUS_
REG_0
[7:0]
LANE_FIFO_FULL
0x00 R
0x30D
FIFO_STATUS_
REG_1
[7:0]
LANE_FIFO_EMPTY
0x00 R
0x311
SYNC_GEN_0
[7:0]
RESERVED
EOMF_MASK_0 RESERVED
EOF_MASK_0
0x00 R/W
0x312
SYNC_GEN_1
[7:0]
SYNC_ERR_DUR
SYNC_SYNCREQ_DUR
0x00 R/W
0x313
SYNC_GEN_3
[7:0]
LMFC_PERIOD
0x00 R
0x315
PHY_PRBS_TEST_
EN
[7:0]
PHY_TEST_EN
0x00 R/W
0x316
PHY_PRBS_TEST_
CTRL
[7:0] RESERVED
PHY_SRC_ERR_CNT
PHY_PRBS_PAT_SEL
PHY_TEST_
START
PHY_TEST_RESET 0x00 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com